Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7982BCPZ-RL7 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7982BCPZ-RL7
Description  18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982BCPZ-RL7 Datasheet(HTML) 2 Page - Analog Devices

  AD7982BCPZ-RL7 Datasheet HTML 1Page - Analog Devices AD7982BCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD7982BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7982BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7982BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7982BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7982BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7982BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7982BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
AD7982* PRODUCT PAGE QUICK LINKS
Last Content Update: 04/14/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• AD7982 Evaluation kit
• Precision ADC PMOD Compatible Boards
DOCUMENTATION
Application Notes
• AN-742: Frequency Domain Response of Switched-
Capacitor ADCs
• AN-931: Understanding PulSAR ADC Support Circuitry
• AN-932: Power Supply Sequencing
Data Sheet
• AD7982: 18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
Data Sheet
Technical Books
• The Data Conversion Handbook, 2005
User Guides
• UG-340: Evaluation Board for the 10-Lead Family 14-/16-/
18-Bit PulSAR ADCs
• UG-682: 6-Lead SOT-23 ADC Driver for the 8-/10-Lead
Family of 14-/16-/18-Bit PulSAR ADC Evaluation Boards
SOFTWARE AND SYSTEMS REQUIREMENTS
• AD7982 FMC-SDP Interposer & Evaluation Board / Xilinx
KC705 Reference Design
• BeMicro FPGA Project for AD7982 with Nios driver
TOOLS AND SIMULATIONS
• AD7982 IBIS Models
REFERENCE DESIGNS
• CN0032
• CN0180
• CN0237
• CN0345
REFERENCE MATERIALS
Product Selection Guide
• SAR ADC & Driver Quick-Match Guide
Technical Articles
• Exploring Different SAR ADC Analog Input Architectures
• Low Power Precision Data Acquisition Signal Chain for
Space Constrained Applications
• MS-1779: Nine Often Overlooked ADC Specifications
• MS-2210: Designing Power Supplies for High Speed ADC
Tutorials
• MT-001: Taking the Mystery out of the Infamous Formula,
"SNR=6.02N + 1.76dB", and Why You Should Care
• MT-031: Grounding Data Converters and Solving the
Mystery of "AGND" and "DGND"
• MT-074: Differential Drivers for Precision ADCs
DESIGN RESOURCES
• AD7982 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD7982 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.


Similar Part No. - AD7982BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7982BCPZ-RL7 AD-AD7982BCPZ-RL7 Datasheet
570Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. B
More results

Similar Description - AD7982BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. A
AD7982 AD-AD7982_15 Datasheet
2Mb / 25P
   18 Bit 1 MSPS PulSAR 7.0 mW ADC in MSOP QFN
REV. C
AD7982BRMZRL7 AD-AD7982BRMZRL7 Datasheet
570Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. B
AD7986BCPZ AD-AD7986BCPZ Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7982 AD-AD7982 Datasheet
416Kb / 23P
   18-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev PrC
AD7984 AD-AD7984 Datasheet
722Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com