Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7264BCPZ-5 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7264BCPZ-5
Description  1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7264BCPZ-5 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7264BCPZ-5 Datasheet HTML 3Page - Analog Devices AD7264BCPZ-5 Datasheet HTML 4Page - Analog Devices AD7264BCPZ-5 Datasheet HTML 5Page - Analog Devices AD7264BCPZ-5 Datasheet HTML 6Page - Analog Devices AD7264BCPZ-5 Datasheet HTML 7Page - Analog Devices AD7264BCPZ-5 Datasheet HTML 8Page - Analog Devices AD7264BCPZ-5 Datasheet HTML 9Page - Analog Devices AD7264BCPZ-5 Datasheet HTML 10Page - Analog Devices AD7264BCPZ-5 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
AD7264
Data Sheet
Rev. D | Page 6 of 29
TIMING SPECIFICATIONS
AVCC = 4.75 V to 5.25 V, CA_CBVCC = CC_CDVCC = 2.7 V to 5.25 V, VREF = 2.5 V internal/external; TA = TMIN to TMAX, unless otherwise noted.1
Table 2.
Limit at TMIN, TMAX
Parameter
2.7 V ≤ VDRIVE ≤ 3.6 V
4.75 V ≤ VDRIVE ≤ 5.25 V
Unit
Description
fSCLK
200
200
kHz min
34
342
MHz max
AD7264
20
20
MHz max
AD7264-5
tCONVERT
19 × tSCLK
19 × tSCLK
ns max
tSCLK = 1/fSCLK
560
560
ns max
AD7264
950
950
ns max
AD7264-5
tQUIET
13
13
ns min
Minimum time between end of serial read/bus relinquish
and next falling edge of CS
t2
10
10
ns min
CS to SCLK setup time
t33
15
15
ns max
Delay from 19th SCLK falling edge until DOUTA and DOUTB are
three-state disabled
t4
29
23
ns max
Data access time after SCLK falling edge
t5
15
13
ns min
SCLK to data valid hold time
t6
0.4 × tSCLK
0.4 × tSCLK
ns min
SCLK high pulse width
t7
0.4 × tSCLK
0.4 × tSCLK
ns min
SCLK low pulse width
t8
13
13
ns min
CS rising edge to falling edge pulse width
t9
13
13
ns max
CS rising edge to DOUTA, DOUTB high impedance/bus
relinquish
t10
5
5
ns min
SCLK falling edge to DOUTA, DOUTB high impedance
35
35
ns max
SCLK falling edge to DOUTA, DOUTB high impedance
t11
2
2
μs min
Minimum CAL pin high time
t12
2
2
μs min
Minimum time between the CAL pin high and the CS
falling edge
t13
3
3
ns min
DIN setup time prior to SCLK falling edge
t14
3
3
ns min
DIN hold time after SCLK falling edge
tPOWER-UP
240
240
μs max
Internal reference, with a 1 μF decoupling capacitor
15
15
μs max
With an external reference, 10 μs typical
1 Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.
All timing specifications given are with a 25 pF load capacitance. With a load capacitance greater than this value, a digital buffer or latch must be used. See the
Terminology section.
2 The AD7264 is functional with a 40 MHz SCLK at 25°C, but specified performance is not guaranteed with SCLK frequencies greater than 34 MHz.
3 The time required for the output to cross 0.4 V or 2.4 V.
CS
SCLK
15
19
DOUTA
THREE-STATE
t4
23
4
20
t5
THREE-
STATE
t7
t3
18
DB11A
DB12A
DB13A
21
31
32
33
DB1A
DB0A
DOUTB
THREE-STATE
THREE-
STATE
DB11B
DB12B
DB13B
DB1B
DB0B
t2
t9
t8
tQUIET
t6
Figure 2. Serial Interface Timing Diagram


Similar Part No. - AD7264BCPZ-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7264BCPZ-5 AD-AD7264BCPZ-5 Datasheet
1Mb / 32P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. A
AD7264BCPZ-5-RL7 AD-AD7264BCPZ-5-RL7 Datasheet
1Mb / 32P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. A
More results

Similar Description - AD7264BCPZ-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7264 AD-AD7264 Datasheet
1Mb / 32P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
REV. A
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
   1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7485 AD-AD7485_15 Datasheet
986Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com