Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7264BCPZ Datasheet(PDF) 30 Page - Analog Devices

Part No. AD7264BCPZ
Description  1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD7264BCPZ Datasheet(HTML) 30 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
Data Sheet
AD7264
Rev. D | Page 29 of 29
OUTLINE DIMENSIONS
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COMPLIANT TO JEDEC STANDARDS MO-220-WKKD.
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
7.00
BSC SQ
48
13
24
25
36
37
12
EXPOSED
PAD
PIN 1
INDICATOR
5.20
5.10 SQ
5.00
0.45
0.40
0.35
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.25 MIN
0.20 REF
COPLANARITY
0.08
0.30
0.23
0.18
Figure 37. 48-Lead Lead Frame Chip Scale Package [LFCSP]
7 mm × 7 mm Body and 0.75 mm Package Height
(CP-48-4)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MS-026-BBC
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
1.60
MAX
0.75
0.60
0.45
VIEW A
PIN 1
0.20
0.09
1.45
1.40
1.35
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
3.5°
0.15
0.05
9.20
9.00 SQ
8.80
7.20
7.00 SQ
6.80
Figure 38. 48-Lead Low Profile Quad Flat Package [LQFP]
(ST-48)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD7264BCPZ
−40°C to +105°C
48-Lead Lead Frame Chip Scale Package [LFCSP]
CP-48-4
AD7264BCPZ-RL7
−40°C to +105°C
48-Lead Lead Frame Chip Scale Package [LFCSP]
CP-48-4
AD7264BCPZ-5
−40°C to +105°C
48-Lead Lead Frame Chip Scale Package [LFCSP]
CP-48-4
AD7264BCPZ-5-RL7
−40°C to +105°C
48-Lead Lead Frame Chip Scale Package [LFCSP]
CP-48-4
AD7264BSTZ
−40°C to +105°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
AD7264BSTZ-RL7
−40°C to +105°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
AD7264BSTZ-5
−40°C to +105°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
AD7264BSTZ-5-RL7
−40°C to +105°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
EVAL-AD7264EDZ
Evaluation Board
EVAL-CED1Z
Development Board
1
Z = RoHS Compliant Part.
©2008–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06732-0-5/17(D)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn