Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7264BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part No. AD7264BCPZ
Description  1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD7264BCPZ Datasheet(HTML) 8 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Data Sheet
AD7264
Rev. D | Page 7 of 29
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDRIVE to DGND
−0.3 V to AVCC
VDRIVE to AGND
−0.3 V to AVCC
AVCC to AGND, DGND
−0.3 V to +7 V
CA_CBVCC to CA_CB_GND
−0.3 V to +7 V
CC_CDVCC to CC_CD_GND
−0.3 V to +7 V
AGND to DGND
−0.3 V to +0.3 V
CA_CB_GND, CC_CD_GND to DGND
−0.3 V to +0.3 V
Analog Input Voltage to AGND
−0.3 V to AVCC + 0.3 V
Digital Input Voltage to DGND
−0.3 V to VDRIVE + 0.3 V
Digital Output Voltage to GND
−0.3 V to VDRIVE + 0.3 V
VREFA, VREFB Input to AGND
−0.3 V to AVCC + 0.3 V
COUTA, COUTB, COUTC, COUTD to GND
−0.3 V to VDRIVE + 0.3 V
CA±, CB±, CC±, CD± to
CA_CB_GND, CC_CD_GND
−0.3 V to
CA_CBVCC/CC_CDVCC + 0.3 V
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
LQFP Package
θJA Thermal Impedance
55°C/W
θJC Thermal Impedance
16°C/W
LFCSP Package
θJA Thermal Impedance
30°C/W
θJC Thermal Impedance
3°C/W
Pb-Free Temperature, Soldering
Reflow
255°C
ESD
2 kV
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn