Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3801E18DCKR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3801E18DCKR
Description  ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3801E18DCKR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3801E18DCKR Datasheet HTML 3Page - Texas Instruments TPS3801E18DCKR Datasheet HTML 4Page - Texas Instruments TPS3801E18DCKR Datasheet HTML 5Page - Texas Instruments TPS3801E18DCKR Datasheet HTML 6Page - Texas Instruments TPS3801E18DCKR Datasheet HTML 7Page - Texas Instruments TPS3801E18DCKR Datasheet HTML 8Page - Texas Instruments TPS3801E18DCKR Datasheet HTML 9Page - Texas Instruments TPS3801E18DCKR Datasheet HTML 10Page - Texas Instruments TPS3801E18DCKR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.ti.com
MR = OPEN
1.5
1
0.5
0
0
0.2
0.4
0.6
2
3
3.5
0.8
1
2.5
VDD Threshold Overdrive Voltage − V
−500
−400
−300
−200
−100
0
100
−2
0
2
4
6
VDD = 6 V
TA = 25° C
VI − Input Voltage at MR − V
0.988
0.990
0.992
0.994
0.996
0.998
1
1.002
1.004
1.006
−40
−20
0
20
40
60
80
TPS3801−01
TPS3801E18
TPS3800
TPS3802
TA − Free-Air Temperature at VDD − ° C
0.995
0.996
0.997
0.998
0.999
1.000
1.001
TA − Free-Air Temperature at VDD − ° C
−40
−20
0
20
40
60
85
MR = OPEN
TPS3801S25
TPS3801L30
TPS3801K33
TPS3801I50
TPS3801T50
TPS3800-xx
TPS3801-xx
TPS3802-xx
SLVS219C – AUGUST 1999 – REVISED JULY 2003
TYPICAL CHARACTERISTICS (continued)
INPUT CURRENT
MINIMUM PULSE DURATION AT VDD
vs
vs
INPUT VOLTAGE AT MR
VDD THRESHOLD OVERDRIVE VOLTAGE
Figure 7.
Figure 8.
NORMALIZED INPUT THRESHOLD VOLTAGE
NORMALIZED INPUT THRESHOLD VOLTAGE
vs
vs
FREE-AIR TEMPERATURE AT VDD
FREE-AIR TEMPERATURE AT VDD
Figure 9.
Figure 10.
7


Similar Part No. - TPS3801E18DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3801E18DCKR TI1-TPS3801E18DCKR Datasheet
798Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3801E18DCKR TI1-TPS3801E18DCKR Datasheet
794Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3801E18DCKRG4 TI1-TPS3801E18DCKRG4 Datasheet
798Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TPS3801E18DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3801J25 TI-TPS3801J25 Datasheet
126Kb / 9P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3800-XX TI1-TPS3800-XX_17 Datasheet
794Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3800-XX TI1-TPS3800-XX Datasheet
798Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com