Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVM12-350 Datasheet(PDF) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVM12-350
Description  High Voltage Silicon Rectifiers Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVM12-350 Datasheet(HTML) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVM12-350 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD HVM12-350 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HVM12-350
350mA 12kV -High Voltage Silicon Rectifiers Diodes
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 2 / 2
Fig 1
Forward Current Derating Curve
Show average current rating at 55°C,
Unless otherwise specified.
Max operating temperature is 150°C, unless otherwise specified.
Fig 2
Repetitive Surge Current Derating Curve
This curve represents the percentage of published maximum surge rating as a function of surge repetition.


Similar Part No. - HVM12-350

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVM12-350 GETEDZ-HVM12-350 Datasheet
506Kb / 2P
   High Voltage Rectifier Diode
HVM12-350 GETEDZ-HVM12-350_V01 Datasheet
506Kb / 2P
   High Voltage Rectifier Diode
More results

Similar Description - HVM12-350

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
CL01-12 GETEDZ-CL01-12 Datasheet
498Kb / 2P
   High Voltage Silicon Rectifiers Diodes
HVM09-350 GETEDZ-HVM09-350 Datasheet
499Kb / 2P
   High Voltage Silicon Rectifiers Diodes
HVM09-450 GETEDZ-HVM09-450 Datasheet
499Kb / 2P
   High Voltage Silicon Rectifiers Diodes
HVM12-450 GETEDZ-HVM12-450 Datasheet
499Kb / 2P
   High Voltage Silicon Rectifiers Diodes
HVM16-350 GETEDZ-HVM16-350 Datasheet
499Kb / 2P
   High Voltage Silicon Rectifiers Diodes
HVM16-450 GETEDZ-HVM16-450 Datasheet
499Kb / 2P
   High Voltage Silicon Rectifiers Diodes
CL01-15 GETEDZ-CL01-15 Datasheet
498Kb / 2P
   High Voltage Silicon Rectifiers Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL3516 YFWDIODE-2CL3516 Datasheet
401Kb / 2P
   High voltage silicon diodes
logo
SiPower Inc.
2CL3520HR SIPOWER-2CL3520HR Datasheet
75Kb / 3P
   High Voltage Silicon Diodes
2CL3520H SIPOWER-2CL3520H Datasheet
75Kb / 3P
   High Voltage Silicon Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com