Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL01-12 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # CL01-12
Description  High Voltage Silicon Rectifiers Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

CL01-12 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  CL01-12 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD CL01-12 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CL01-12
350mA 12kV -High Voltage Silicon Rectifiers Diodes
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 2
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value
Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C;
12
kV
Average Output Current
IF
Ta=55°C; Resistive Load
350
mA
Suege Current
IFSM
Ta=25°C; 1/2 Sine(60Hz) ; 8.3mS
30
A
Junction Temperature
TJ
-40~+150
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+150
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value
Units
Maximum Forward Voltage Drop
VF
at 25°C;IF =IF(AV)
12
V
Maximum Reverse Current
IR1
at 25°C;VR =VRRM
2.0
uA
IR2
at 100°C;VR =VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
--
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
--
pF
HVGT high voltage silicon rectifier diodes is
made of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and through
professional testing equipment inspection qualified
after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-721
FEATURES:
1. High reliability design.
2. High voltage design.
3. Low frequency .
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. Microwave circuit generator.
2. High current and high voltage circuit.
3. General purpose high voltage rectifier.
4. Other .
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 2.5 grams (approx).


Similar Part No. - CL01-12

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
CL01-12 DACHANG-CL01-12 Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier Reverse Voltage 12KV Forward Current 350mA
logo
American Microsemicondu...
CL01-12 AMMSEMI-CL01-12 Datasheet
673Kb / 4P
   High Voltage Rectifier Series
logo
Anshan Leadsun Electron...
CL01-12 LEADSUN-CL01-12 Datasheet
319Kb / 1P
   High Voltage Diode
logo
GETAI ELECTRONICS DEVIC...
CL01-12 GETEDZ-CL01-12 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
logo
American Microsemicondu...
CL01-12D AMMSEMI-CL01-12D Datasheet
673Kb / 4P
   High Voltage Rectifier Series
More results

Similar Description - CL01-12

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVM09-350 GETEDZ-HVM09-350 Datasheet
499Kb / 2P
   High Voltage Silicon Rectifiers Diodes
HVM09-450 GETEDZ-HVM09-450 Datasheet
499Kb / 2P
   High Voltage Silicon Rectifiers Diodes
HVM12-450 GETEDZ-HVM12-450 Datasheet
499Kb / 2P
   High Voltage Silicon Rectifiers Diodes
HVM12-350 GETEDZ-HVM12-350 Datasheet
499Kb / 2P
   High Voltage Silicon Rectifiers Diodes
HVM16-350 GETEDZ-HVM16-350 Datasheet
499Kb / 2P
   High Voltage Silicon Rectifiers Diodes
HVM16-450 GETEDZ-HVM16-450 Datasheet
499Kb / 2P
   High Voltage Silicon Rectifiers Diodes
CL01-15 GETEDZ-CL01-15 Datasheet
498Kb / 2P
   High Voltage Silicon Rectifiers Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL3516 YFWDIODE-2CL3516 Datasheet
401Kb / 2P
   High voltage silicon diodes
logo
SiPower Inc.
2CL3520HR SIPOWER-2CL3520HR Datasheet
75Kb / 3P
   High Voltage Silicon Diodes
2CL3520H SIPOWER-2CL3520H Datasheet
75Kb / 3P
   High Voltage Silicon Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com