Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L2750IM Datasheet(PDF) 10 Page - Exar Corporation

Part # XR16L2750IM
Description  2.25V TO 5.5V DUART WITH 64-BYTE FIFO
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L2750IM Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR16L2750IM Datasheet HTML 6Page - Exar Corporation XR16L2750IM Datasheet HTML 7Page - Exar Corporation XR16L2750IM Datasheet HTML 8Page - Exar Corporation XR16L2750IM Datasheet HTML 9Page - Exar Corporation XR16L2750IM Datasheet HTML 10Page - Exar Corporation XR16L2750IM Datasheet HTML 11Page - Exar Corporation XR16L2750IM Datasheet HTML 12Page - Exar Corporation XR16L2750IM Datasheet HTML 13Page - Exar Corporation XR16L2750IM Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
áç
áç
áç
áç
XR16L2750
2.25V TO 5.5V DUART WITH 64-BYTE FIFO
REV. 1.0.0
10
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant,
fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100 ppm frequency
tolerance) connected externally between the XTAL1 and XTAL2 pins (see Figure 4). The programmable Baud
Rate Generator is capable of operating with a crystal oscillator frequency of up to 24 MHz. However, with an
external clock input on XTAL1 pin and a 2K ohms pull-up resistor on XTAL2 pin (as shown in Figure 5) it can
extend its operation up to 50 MHz (6.25 Mbps serial data rate) at 5V with an 8X sampling rate.
For further reading on the oscillator circuit please see the Application Note DAN108 on the EXAR web site at
http://www.exar.com.
2.10
Programmable Baud Rate Generator
Each UART has its own Baud Rate Generator (BRG) with a prescaler. The prescaler is controlled by a software
bit in the MCR register. The MCR register bit-7 sets the prescaler to divide the input crystal or external clock by
1 or 4. The clock output of the prescaler goes to the BRG. The BRG further divides this clock by a
programmable divisor between 1 and (216 -1) to obtain a 16X sampling rate clock of the serial data rate. The
sampling rate clock is used by the transmitter for data bit shifting and receiver for data sampling. The BRG
divisor defaults to the maximum baud rate (DLL = 0x01 and DLM = 0x00) upon power up.
Programming the Baud Rate Generator Registers DLM and DLL provides the capability of selecting the
operating data rate. Table 5 shows the standard data rates available with a 14.7456 MHz crystal or external
clock at 16X sampling rate clock rate. A 16X sampling clock is typically used. However, user can select the 8X
FIGURE 5. EXTERNAL CLOCK CONNECTION FOR EXTENDED DATA RATE
FIGURE 6. BAUD RATE GENERATOR AND PRESCALER
2K
XTAL1
XTAL2
R1
VCC
External Clock
vcc
gnd
XTAL 1
XTAL 2
C rysta l
O sc/
B u ffe r
M CR B it-7 = 0
(defau lt)
M CR B it-7 = 1
D LL a nd D L M
R egisters
Pre s ca le r
D iv ide by 1
Pre s ca le r
D iv ide by 4
16X
S a m p lin g
Ra te Clo c k to
T ransm itte r
B aud R a te
G ene ra to r
Logic


Similar Part No. - XR16L2750IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2750IM EXAR-XR16L2750IM Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16L2750IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2752 EXAR-XR16L2752 Datasheet
806Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750 EXAR-XR16L2750_05 Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2751 EXAR-XR16L2751_05 Datasheet
852Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com