Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-12864WG-BTMI-VN Datasheet(PDF) 5 Page - Newhaven Display International, Inc.

Part # NHD-12864WG-BTMI-VN
Description  Graphic Liquid Crystal Display Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-12864WG-BTMI-VN Datasheet(HTML) 5 Page - Newhaven Display International, Inc.

  NHD-12864WG-BTMI-VN Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-12864WG-BTMI-VN Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-12864WG-BTMI-VN Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-12864WG-BTMI-VN Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-12864WG-BTMI-VN Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-12864WG-BTMI-VN Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-12864WG-BTMI-VN Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-12864WG-BTMI-VN Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-12864WG-BTMI-VN Datasheet HTML 9Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
[5]
Electrical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Operating Temperature Range
Top
Absolute Max
-20
-
+70
⁰C
Storage Temperature Range
Tst
Absolute Max
-30
-
+80
⁰C
Supply Voltage
VDD
-
4.5
5.0
5.5
V
Supply Current
IDD
Ta=25°, VDD=5.0V
1.0
2.0
4.0
mA
Supply for LCD (contrast)
VDD-V0
Ta=25°
7.8
8.0
8.2
V
“H” Level input
VIH
-
0.7*VDD
-
VDD
V
“L” Level input
VIL
-
VSS
-
0.3*VDD
V
“H” Level output
VOH
-
2.4
-
VDD
V
“L” Level output
VOL
-
VSS
-
0.4
V
Backlight Supply Voltage
VLED
-
3.4
3.5
3.6
V
Backlight Supply Current
ILED
VLED=3.5V
43.2
48
60
mA
Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Optimal
Viewing
Angles
Top
ϕY+
Cr ≥ 2
-
20
-
Bottom
ϕY-
-
40
-
Left
θX-
-
30
-
Right
θX+
-
30
-
Contrast Ratio
Cr
-
-
3
-
-
Response Time
Rise
Tr
-
-
200
300
ms
Fall
Tf
-
-
250
350
ms
Controller Information
Built-in NT7108C controller.
Please download specification at http://www.newhavendisplay.com/app_notes/NT7108.pdf


Similar Part No. - NHD-12864WG-BTMI-VN

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-12864WG-BTFH-V#N NEWHAVEN-NHD-12864WG-BTFH-V#N Datasheet
387Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-12864WG-BTFH-VN NEWHAVEN-NHD-12864WG-BTFH-VN Datasheet
387Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-12864WG-BTGH-T#N NEWHAVEN-NHD-12864WG-BTGH-T#N Datasheet
296Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-12864WG-BTGH-TN NEWHAVEN-NHD-12864WG-BTGH-TN Datasheet
296Kb / 9P
   Graphic Liquid Crystal Display Module
More results

Similar Description - NHD-12864WG-BTMI-VN

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-240128WG-ATMI-VZ NEWHAVEN-NHD-240128WG-ATMI-VZ Datasheet
617Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12864AZ-FL-YBW NEWHAVEN-NHD-12864AZ-FL-YBW Datasheet
401Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTGH-VZ NEWHAVEN-NHD-240128WG-BTGH-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTMI-VZ NEWHAVEN-NHD-240128WG-BTMI-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-24064CZ-NSW-BBW NEWHAVEN-NHD-24064CZ-NSW-BBW Datasheet
536Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-2.4-240320YF-CTXI NEWHAVEN-NHD-2.4-240320YF-CTXI Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-2.4-240320YF-CTXI-T-1 NEWHAVEN-NHD-2.4-240320YF-CTXI-T-1 Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-24064WG-AFFH-VZ NEWHAVEN-NHD-24064WG-AFFH-VZ Datasheet
836Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-24064WG-AFML-VZ NEWHAVEN-NHD-24064WG-AFML-VZ Datasheet
823Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12232DZ-FSW-GBW NEWHAVEN-NHD-12232DZ-FSW-GBW Datasheet
681Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-16032AZ-NSW-BBW NEWHAVEN-NHD-16032AZ-NSW-BBW Datasheet
551Kb / 23P
   Liquid Crystal Display Graphic Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com