Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE36344-60 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part No. PE36344-60
Description  75 Ohm F Male to 75 Ohm F Female Bulkhead Cable 60 Inch Length Using 75 Ohm RG179 Coax
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE36344-60 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Configuration
Connector 1
F Male
Connector 2
F Female Bulkhead
Cable Type
RG179
Impedance
75 Ohms
Mechanical Specifications
Size
Length
60 in [152.4 cm]
Diameter
0.509 in [12.93 mm]
.
Weight
0.127 lbs [57.61 g]
Cable Color
Tan
Cable
Cable Type
RG179
Inner Conductor Type
Stranded
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
1
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter
0.1 in [2.54 mm]
Connector 1
Type
F Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
CouplingNutPlatingSpecification
100µin.minimum
Hex Size
7/16 in
Torque
15 in-lbs [1.7 Nm]
Body Material and Plating
Brass, Nickel
BodyPlatingSpecification
100µin.minimum
DielectricType
Teflon
Connector 2
Type
F Female Bulkhead
Configuration
Straight
Mount Method
Bulkhead
Inner Conductor Material and Plating
Phosphor Bronze, Gold
InnerConductorPlatingSpecification
30µin.minimum
Body Material and Plating
Brass, Nickel
BodyPlatingSpecification
100µin.minimum
DielectricType
Teflon
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price,inventoryandcertifications: 75 Ohm F Male to 75 Ohm F Female Bulkhead Cable 60 Inch Length Using 75 Ohm
RG179 Coax PE36344-60
PE36344-60 REV
PE36344-60
75 Ohm F Male to 75 Ohm F Female Bulkhead Cable
60 Inch Length Using 75 Ohm RG179 Coax


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn