Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE36344-60 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part No. PE36344-60
Description  75 Ohm F Male to 75 Ohm F Female Bulkhead Cable 60 Inch Length Using 75 Ohm RG179 Coax
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE36344-60 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Compliance Certifications (visit www.Pasternack.com for current document)
For RoHS Compliant version, use PE36344LF-60. Contact Pasternack if product cannot be found.
REACH Compliant
12/19/2011
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
How to Order
PartNumberConfiguration:
PE36344
-
xx
uu
|
|
|
UnitofMeasure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example: PE36344-12=12incheslongcable
PE36344-100cm = 100 cm long cable
75 Ohm F Male to 75 Ohm F Female Bulkhead Cable 60 Inch Length Using 75 Ohm RG179 Coax from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: 75 Ohm F Male to 75 Ohm F Female Bulkhead Cable 60 Inch Length Using 75 Ohm RG179
Coax PE36344-60
URL:http://www.pasternack.com/f-male-f-female-rg179bu-cable-assembly-pe36344-60-p.aspx
PE36344-60 REV
PE36344-60
75 Ohm F Male to 75 Ohm F Female Bulkhead Cable
60 Inch Length Using 75 Ohm RG179 Coax


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn