Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOIL1SE0300A-QDC Datasheet(PDF) 9 Page - ON Semiconductor

Part # NOIL1SE0300A-QDC
Description  LUPA300 CMOS Image Sensor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIL1SE0300A-QDC Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NOIL1SE0300A-QDC Datasheet HTML 5Page - ON Semiconductor NOIL1SE0300A-QDC Datasheet HTML 6Page - ON Semiconductor NOIL1SE0300A-QDC Datasheet HTML 7Page - ON Semiconductor NOIL1SE0300A-QDC Datasheet HTML 8Page - ON Semiconductor NOIL1SE0300A-QDC Datasheet HTML 9Page - ON Semiconductor NOIL1SE0300A-QDC Datasheet HTML 10Page - ON Semiconductor NOIL1SE0300A-QDC Datasheet HTML 11Page - ON Semiconductor NOIL1SE0300A-QDC Datasheet HTML 12Page - ON Semiconductor NOIL1SE0300A-QDC Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
NOIL1SM0300A
www.onsemi.com
9
Biasing
Table 9 summarizes the biasing signals required to drive
this image sensor. For optimization reasons of the biasing of
the column amplifiers with respect to power dissipation,
several biasing resistors are required. This optimization
results in an increase of signal swing and dynamic range.
Table 9. OVERVIEW OF BIAS SIGNALS
Signal[1]
Comment
Related Module
DC−Level
ADC_BIAS
Connect with 10 kW to VADC and decouple with 100n to GNDADC
ADC
693 mV
PRECHARGE_BIAS
Connect with 68 kW to VPIX and decouple with 100 nF to
GNDDRIVERS
Pixel array precharge
567 mV
BIAS_PGA
Biasing of amplifier stage. Connect with 110 kW to VDDA and de-
couple with 100 nF to GNDA
PGA
650 mV
BIAS_FAST
Biasing of columns. Connect with 42 kW to VDDA and decouple with
100 nF to GNDA
Column amplifiers
750 mV
BIAS_SLOW
Biasing of columns. Connect with 1.5 MW to VDDA and decouple
with 100 nF to GNDA
Column amplifiers
450 mV
BIAS_COL
Biasing of imager core. Connect with 500 kW to VDDA and decouple
with 100 nF to GNDA
Column amplifiers
508 mV
1. Each biasing signal determines the operation of a corresponding module in the sense that it controls speed and dissipation.
Digital Signals
Depending on the operation mode (master or slave), the
pixel array of the image sensor requires different digital
control signals. The function of each of the signals is shown
in Table 10.
Table 10. OVERVIEW OF BIAS SIGNALS
Signal
I/O
Comments
LINE_VALID
Digital output
Indicates when valid data is at the outputs. Active high
FRAME_VALID
Digital output
Indicates when a valid frame is readout. Active high
INT_TIME_3
Digital I/O
In master mode: Output to indicate the triple slope integration time.
In slave mode: Input to control the triple slope integration time.
Active high
INT_TIME_2
Digital I/O
In master mode: Output to indicate the dual slope integration time.
In slave mode: Input to control the dual slope integration time.
Active high
INT_TIME_1
Digital I/O
In master mode: Output to indicate the integration time.
In slave mode: Input to control integration time.
Active high
RESET_N
Digital input
Sequencer reset. Active low
CLK
Digital input
Readout clock (80 MHz), sine or square clock
SPI_ENABLE
Digital input
Enable of the SPI
SPI_CLK
Digital input
Clock of the SPI. (Max. 20 MHz)
SPI_DATA
Digital I/O
Data line of the SPI. Bidirectional pin


Similar Part No. - NOIL1SE0300A-QDC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIL1SE0300A-QDC ONSEMI-NOIL1SE0300A-QDC Datasheet
457Kb / 31P
   LUPA300 CMOS Image Sensor
February, 2013 ??Rev. 10
More results

Similar Description - NOIL1SE0300A-QDC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIL1SM0300A ONSEMI-NOIL1SM0300A Datasheet
457Kb / 31P
   LUPA300 CMOS Image Sensor
February, 2013 ??Rev. 10
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
KAC-12040 ONSEMI-KAC-12040 Datasheet
820Kb / 41P
   CMOS Image Sensor
August, 2015 ??Rev. 4
NOIV1SN5000A ONSEMI-NOIV1SN5000A_16 Datasheet
760Kb / 70P
   CMOS Image Sensor
December, 2016 ??Rev. 7
KAC-06040 ONSEMI-KAC-06040_16 Datasheet
877Kb / 43P
   CMOS Image Sensor
March, 2016 ??Rev. 3
logo
List of Unclassifed Man...
HV7131R ETC-HV7131R Datasheet
1Mb / 33P
   CMOS Image Sensor
logo
Leopard Imaging Inc.
LI-IMX290-MIPI LEOPARD-LI-IMX290-MIPI Datasheet
1Mb / 8P
   CMOS Image Sensor
logo
Hamamatsu Corporation
S10227 HAMAMATSU-S10227 Datasheet
282Kb / 4P
   CMOS linear image sensor Small plastic package CMOS image sensor
S12706 HAMAMATSU-S12706 Datasheet
217Kb / 8P
   CMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com