Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOIL1SE0300A-QDC Datasheet(PDF) 5 Page - ON Semiconductor

Part # NOIL1SE0300A-QDC
Description  LUPA300 CMOS Image Sensor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIL1SE0300A-QDC Datasheet(HTML) 5 Page - ON Semiconductor

  NOIL1SE0300A-QDC Datasheet HTML 1Page - ON Semiconductor NOIL1SE0300A-QDC Datasheet HTML 2Page - ON Semiconductor NOIL1SE0300A-QDC Datasheet HTML 3Page - ON Semiconductor NOIL1SE0300A-QDC Datasheet HTML 4Page - ON Semiconductor NOIL1SE0300A-QDC Datasheet HTML 5Page - ON Semiconductor NOIL1SE0300A-QDC Datasheet HTML 6Page - ON Semiconductor NOIL1SE0300A-QDC Datasheet HTML 7Page - ON Semiconductor NOIL1SE0300A-QDC Datasheet HTML 8Page - ON Semiconductor NOIL1SE0300A-QDC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
NOIL1SM0300A
www.onsemi.com
5
Frame Rate and Windowing
Frame Rate
The frame rate depends on the input clock, the Frame
Overhead Time (FOT) and the Row Overhead Time (ROT).
The frame period is calculated as follows
Frame period = FOT + Nr. Lines * (ROT + Nr. Pixels *
clock period)
Example: read out of the full resolution at nominal speed
(80 MHz pixel rate = 12.5 ns, GRAN<1:0>=10):
Frame period = 7.8
ms + (480 * (400 ns + 12.5 ns * 640)
= 4.039 ms => 247.6 fps.
In case the sensor operates in subsampling, the ROT is
enlarged with 8 clock periods.
Table 3. FRAME RATE PARAMETERS
Parameter
Comment
Clarification
FOT
Frame Overhead Time
1200 clock periods for GRAN<1:0> = 11
624 clock periods for GRAN<1:0> = 10
336 clock periods for GRAN<1:0> = 01
192 clock periods for GRAN<1:0> = 00
ROT
Row Overhead Time
48 clock periods for GRAN<1:0> = 11
32 clock periods for GRAN<1:0> = 10
24 clock periods for GRAN<1:0> = 01
20 clock periods for GRAN<1:0> = 00
Nr. Lines
Number of lines read out each frame
Nr. Pixels
Number of pixels read out each line
clock period
1/80 MHz = 12.5 ns
Windowing
Windowing is achieved by the SPI interface. The starting
point of the x- and y-address is uploadable, as well as the
window size. The minimum step size in the x-direction is 8
pixels (only multiples of 8 can be chosen as start/stop
addresses). The minimum step size in the y-direction is 1
line (every line can be addressed) in normal mode and 2 lines
in subsampling mode.
The window size in the x-direction is uploadable in
register NB_OF_PIX. The window size in the y-direction is
determined by the register FT_TIMER
Table 4. FRAME RATE PARAMETERS
Parameter
Frame Rate (fps)
Frame Readout (us)
Comment
640 x 480
247.5
4038
640 x 240
488.3
2048
Subsampling
256 x 256
1076
929
Windowing
Analog to Digital Converter
The sensor has four 10-bit pipelined ADC on board. The
ADCs are nominally operating at 20 Msamples/s. The input
range of the ADC is between 0.75 and 1.75V. The analog
input signal is sampled at 2.1 ns delay from the rising edge
of the ADC clock.
The digital output data appears at the output at 5.5 cycles
later. This is at the 6th falling edge succeeding the sample
moment. The data is delayed by 3.7 ns with respect to this
falling edge. This is illustrated in Figure 6.
Table 5. ADC PARAMETERS
Parameter
Specification
Data rate
20 Msamples/s
Input range
0.75 V − 1.75 V
Quantization
10 bit
DNL
Typ. < 0.3 LSB
INL
Typ. < 0.7 LSB


Similar Part No. - NOIL1SE0300A-QDC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIL1SE0300A-QDC ONSEMI-NOIL1SE0300A-QDC Datasheet
457Kb / 31P
   LUPA300 CMOS Image Sensor
February, 2013 ??Rev. 10
More results

Similar Description - NOIL1SE0300A-QDC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIL1SM0300A ONSEMI-NOIL1SM0300A Datasheet
457Kb / 31P
   LUPA300 CMOS Image Sensor
February, 2013 ??Rev. 10
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
KAC-12040 ONSEMI-KAC-12040 Datasheet
820Kb / 41P
   CMOS Image Sensor
August, 2015 ??Rev. 4
NOIV1SN5000A ONSEMI-NOIV1SN5000A_16 Datasheet
760Kb / 70P
   CMOS Image Sensor
December, 2016 ??Rev. 7
KAC-06040 ONSEMI-KAC-06040_16 Datasheet
877Kb / 43P
   CMOS Image Sensor
March, 2016 ??Rev. 3
logo
List of Unclassifed Man...
HV7131R ETC-HV7131R Datasheet
1Mb / 33P
   CMOS Image Sensor
logo
Leopard Imaging Inc.
LI-IMX290-MIPI LEOPARD-LI-IMX290-MIPI Datasheet
1Mb / 8P
   CMOS Image Sensor
logo
Hamamatsu Corporation
S10227 HAMAMATSU-S10227 Datasheet
282Kb / 4P
   CMOS linear image sensor Small plastic package CMOS image sensor
S12706 HAMAMATSU-S12706 Datasheet
217Kb / 8P
   CMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com