Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOIL1SM0300A Datasheet(PDF) 6 Page - ON Semiconductor

Part # NOIL1SM0300A
Description  LUPA300 CMOS Image Sensor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIL1SM0300A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NOIL1SM0300A_16 Datasheet HTML 2Page - ON Semiconductor NOIL1SM0300A_16 Datasheet HTML 3Page - ON Semiconductor NOIL1SM0300A_16 Datasheet HTML 4Page - ON Semiconductor NOIL1SM0300A_16 Datasheet HTML 5Page - ON Semiconductor NOIL1SM0300A_16 Datasheet HTML 6Page - ON Semiconductor NOIL1SM0300A_16 Datasheet HTML 7Page - ON Semiconductor NOIL1SM0300A_16 Datasheet HTML 8Page - ON Semiconductor NOIL1SM0300A_16 Datasheet HTML 9Page - ON Semiconductor NOIL1SM0300A_16 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
NOIL1SM0300A
www.onsemi.com
6
Figure 6. ADC Timing
CLK_ADC
DUMMY
50ns
3.7ns
5.5 clock cycles
ADC_IN
D1
D2
D3
D4
D5
D6
D7
D8
D1
D2
D3
D4
ADC_OUT
<9:0>
Programmable Gain Amplifiers
The programmable gain amplifiers have two functions:
Adding an offset to the signal to fit it into the range of
the ADC. This is controlled by the VBLACK and
VOFFSET SPI settings.
Amplifying the signal after the offset is added.
Offset Regulation
The purpose of offset regulation is to bring the signal in
the input range of the ADC.
After the column amplifiers, the signal from the pixels has
a range from 0.1V (bright) to 1.3V (black). The input range
of the ADC is from 0.75V to 1.75V. The amount of offset
added is controlled by two SPI settings: VBLACK<7:0> and
VOFFSET<7:0>. The formula to add offset is:
Voutput = Vsignal + (Voffset - Vblack)
Note that the FPN (fixed pattern noise) of the sensor
causes a spread of about 100 mV on the dark level. To allow
FPN correction during post processing of the image, this
spread on the dark level needs to be covered by the input
range of the ADC. This is why the default settings of the SPI
are programmed to add an offset of 200 mV. This way the
dark level goes from 1.3V to 1.5V and is the FPN
information still converted by the ADC. To match the ADC
range, it is recommended to program an offset of 340 mV. To
program this offset, the Voffset and Vblack registers can be
used. Figure 7 illustrates the operation of the offset
regulation with an example. The blue histogram is the
histogram of the image taken after the column amplifiers.
Consider as an example that the device has a black level of
1.45V and a swing of 100 mV. With this swing, it fits in the
input range of the ADC, but a large part of the range of the
ADC is not used in this case. For this reason an offset is
added first, to align the black level with the input range of the
ADC. In the first step, an offset of 200 mV is added with the
default settings of VBLACK and VOFFSET. This results in
the red histogram with a average black level of 1.65V. This
means that the spread on the black level falls completely
inside the range of the ADC. In a second step, the signal is
amplified to use the full range of the ADC.
Figure 7. Offset Regulation
Volts
1.45V1.65V
VADC_HIGH
1.75V


Similar Part No. - NOIL1SM0300A_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIL1SM0300A-QDC ONSEMI-NOIL1SM0300A-QDC Datasheet
457Kb / 31P
   LUPA300 CMOS Image Sensor
February, 2013 ??Rev. 10
NOIL1SM0300A-WWC ONSEMI-NOIL1SM0300A-WWC Datasheet
457Kb / 31P
   LUPA300 CMOS Image Sensor
February, 2013 ??Rev. 10
More results

Similar Description - NOIL1SM0300A_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIL1SM0300A ONSEMI-NOIL1SM0300A Datasheet
457Kb / 31P
   LUPA300 CMOS Image Sensor
February, 2013 ??Rev. 10
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
KAC-12040 ONSEMI-KAC-12040 Datasheet
820Kb / 41P
   CMOS Image Sensor
August, 2015 ??Rev. 4
NOIV1SN5000A ONSEMI-NOIV1SN5000A_16 Datasheet
760Kb / 70P
   CMOS Image Sensor
December, 2016 ??Rev. 7
KAC-06040 ONSEMI-KAC-06040_16 Datasheet
877Kb / 43P
   CMOS Image Sensor
March, 2016 ??Rev. 3
logo
List of Unclassifed Man...
HV7131R ETC-HV7131R Datasheet
1Mb / 33P
   CMOS Image Sensor
logo
Leopard Imaging Inc.
LI-IMX290-MIPI LEOPARD-LI-IMX290-MIPI Datasheet
1Mb / 8P
   CMOS Image Sensor
logo
Hamamatsu Corporation
S10227 HAMAMATSU-S10227 Datasheet
282Kb / 4P
   CMOS linear image sensor Small plastic package CMOS image sensor
S12706 HAMAMATSU-S12706 Datasheet
217Kb / 8P
   CMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com