Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC2302IRGZ Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # TSC2302IRGZ
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2302IRGZ Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button TSC2302IRGZ Datasheet HTML 7Page - Burr-Brown (TI) TSC2302IRGZ Datasheet HTML 8Page - Burr-Brown (TI) TSC2302IRGZ Datasheet HTML 9Page - Burr-Brown (TI) TSC2302IRGZ Datasheet HTML 10Page - Burr-Brown (TI) TSC2302IRGZ Datasheet HTML 11Page - Burr-Brown (TI) TSC2302IRGZ Datasheet HTML 12Page - Burr-Brown (TI) TSC2302IRGZ Datasheet HTML 13Page - Burr-Brown (TI) TSC2302IRGZ Datasheet HTML 14Page - Burr-Brown (TI) TSC2302IRGZ Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 81 page
background image
www.ti.com
www.ti.com
Vdd (V)
2.483
2.48375
2.4845
2.48525
2.486
2.48675
2.4875
2.5
3
3.5
96
97
98
99
100
–60
–40 –20
0
20
40
60
80
100
Temperature (5C)
1.1999
1.2
1.2001
1.2002
1.2003
1.2004
1.2005
2.5
3
3.5
Vdd (V)
609
609.2
609.4
609.6
609.8
610
610.2
610.4
610.6
610.8
611
2.5
3
3.5
Vdd (V)
4.9
4.95
5
5.05
5.1
5.15
5.2
5.25
5.3
5.35
2.5
3
3.5
Vdd (V)
720
722
724
726
728
730
2.5
3
3.5
Vdd (V)
0
0.075
0.15
0.225
0.3
0.375
0.45
2.5
3
3.5
Vdd (V)
1.0836
1.0857
1.0878
1.0899
2.5
3
3.5
Vdd (V)
8.5
8.6
8.7
8.8
8.9
9
2.5
3
3.5
Vdd (V)
TSC2302
SLAS394 – JULY 2003
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, +VDD = +3.3 V, VREF = +2.5 V, fSAMPLE = 125 kHz, unless otherwise noted.
SNR OF MONO PATH
1.25-V REFERENCE
2.5-V INTERNAL REFERENCE
vs
vs
vs
TEMPERATURE
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 19.
Figure 20.
Figure 21.
SWITCH ON-RESISTANCE
TEMP2 DIODE VOLTAGE
TEMP1 DIODE VOLTAGE
vs
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 22.
Figure 23.
Figure 24.
INTERNAL OSCILLATOR
FREQUENCY
DAC MAXIMUM CURRENT
PD SUPPLY CURRENT
vs
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 25.
Figure 26.
Figure 27.
11


Similar Part No. - TSC2302IRGZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
TSC2300IPAG TI-TSC2300IPAG Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
TSC2300IPAGR TI-TSC2300IPAGR Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301 TI1-TSC2301 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
More results

Similar Description - TSC2302IRGZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4673 AKM-AK4673 Datasheet
1Mb / 107P
   Stereo CODEC with MIC/HP-AMP and Touch Screen Controller
logo
NXP Semiconductors
UCB1400BE PHILIPS-UCB1400BE Datasheet
674Kb / 63P
   Audio codec with touch screen controller and power management monitor
Rev. 02-21 June 2002
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com