Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC28RGZR Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV320AIC28RGZR
Description  STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC28RGZR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV320AIC28RGZR Datasheet HTML 6Page - Texas Instruments TLV320AIC28RGZR Datasheet HTML 7Page - Texas Instruments TLV320AIC28RGZR Datasheet HTML 8Page - Texas Instruments TLV320AIC28RGZR Datasheet HTML 9Page - Texas Instruments TLV320AIC28RGZR Datasheet HTML 10Page - Texas Instruments TLV320AIC28RGZR Datasheet HTML 11Page - Texas Instruments TLV320AIC28RGZR Datasheet HTML 12Page - Texas Instruments TLV320AIC28RGZR Datasheet HTML 13Page - Texas Instruments TLV320AIC28RGZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
TLV320AIC28
SLAS418A − FEBRUARY 2004 − REVISED SEPTEMBER 2004
www.ti.com
10
SPI TIMING DIAGRAM
t
td
S
S
S
S
S
S
S
E
L
ta
MSB OUT
BIT 6 .. .1
LSB OUT
t
sck
tLead
tLag
twsck
twsck
tr
tf
tv
tho
tdis
MSB IN
BIT 6 .. .1
LSB IN
thi
tsu
/SS
SPISELZ
SCLK
SPISELZ
SPICLK
MISO
SPISELZ
MOSI
SPISELZ
TYPICAL TIMING REQUIREMENTS
All specifications typical at 25
°C, DVDD = 1.8 V(1)
PARAMETER
IOVDD = 1.1 V
IOVDD = 3.3 V
UNITS
PARAMETER
MIN
MAX
MIN
MAX
UNITS
twsck
SCLK Pulse width
30
18
ns
tLead
Enable Lead Time
18
15
ns
tLag
Enable Lag Time
18
15
ns
ttd
Sequential Transfer Delay
18
15
ns
ta
Slave MISO access time
18
15
ns
tdis
Slave MISO disable time
18
15
ns
tsu
MOSI data setup time
6
6
ns
thi
MOSI data hold time
6
6
ns
tho
MISO data hold time
4
4
ns
tv
MISO data valid time
25
13
ns
tr
Rise Time
6
4
ns
tf
Fall Time
6
4
ns
(1) These parameters are based on characterization and are not tested in production.


Similar Part No. - TLV320AIC28RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC28 TI-TLV320AIC28 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28IRGZ TI-TLV320AIC28IRGZ Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28IRGZR TI-TLV320AIC28IRGZR Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results

Similar Description - TLV320AIC28RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29 Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_07 Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com