Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP665G Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TLP665G
Description  Office Machine Household Use Equipment Triac Driver Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP665G Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP665G Datasheet HTML 1Page - Toshiba Semiconductor TLP665G Datasheet HTML 2Page - Toshiba Semiconductor TLP665G Datasheet HTML 3Page - Toshiba Semiconductor TLP665G Datasheet HTML 4Page - Toshiba Semiconductor TLP665G Datasheet HTML 5Page - Toshiba Semiconductor TLP665G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP665G
2002-09-25
5
Normalized IFT – Ta
Ambient temperature Ta (°C)
3
0.1
−40
1.2
1
0.5
0.3
−20
0
20
40
60
100
80
2
VT = 3 V
Normalized IH – Ta
Ambient temperature Ta (°C)
3
0.1
−40
1.2
1
0.5
0.3
−20
0
20
40
60
100
80
2
Normalized VDRM – Ta
Ambient temperature Ta (°C)
1.4
0.2
−40
1.0
0.8
0.4
−20
0
20
40
60
100
80
1.2
0.4
0.6
Normalized IF / IFT – Pw
Led current pulse wide Pw (µs)
10
10
30
100
300
500
1000
1
1.6
2
3
5
1.2
50
Normalized IDRM – Ta
Ambient temperature Ta (°C)
10
3
10
2
10
1
10
40
100
0
20
60
80
VDRM = Rated


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn