Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SL-LX203CSIT Datasheet(PDF) 1 Page - LUMEX INC.

Part No. SL-LX203CSIT
Description  T-2 CREAMIC STEM LED, 635nm RED LED, RED TRANSPARENT LENS
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUMEX [LUMEX INC.]
Homepage  http://www.lumex.com
Logo 

SL-LX203CSIT Datasheet(HTML) 1 Page - LUMEX INC.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2- 0.30 0.012
ANODE
0.75 0.030
2 0.079
ANODE MARK
ELECTRO-OPTICAL CHARACTERISTIC TA=25
ABSOLUTE MAXIMUM RATINGS TA=25
*t<10us
NOTES
1. ANODE MARK IS INDICATED BY A SMALL
MARKING ON THE SIDE OF THE CERAMIC
SURFACE. RED MARK INDICATES ANODE.
2. WHITE CERAMIC BASE STEM.
PALARITY
ANODE
CATHODE
PARAMETER
MAX
UNITS
STEADY CURRENT
25
mA
POWER DISIPATION
62.5
mW
STORAGE TEMPERATURE
-40 to +85
OPERATING TEMPERATURE
-40 to +100
SOLDERING TEMPERATURE
3sec MAX @ 260
PARAMETER
MIN
TYP
MAX
UNITS
TEST COND
PEAK WAELENGHT
-
635
-
-
If=20mA
FORWARD VOLTAGE
-
2.1
2.5
Vf
If=20mA
REVERSE VOLTAGE
-
-
5
Vf
Ir=10uA
LUMINOUS INTENSITY
-
450
-
mcd
If=20mA
VIEWING ANGLE
-
140
-
2x theta1/2
If=20mA
EMITTED COLOR
RED
EPOXY LENS FINISH
RED TRANSPARENT
SCALE :
mm [INCH]
DATE:
DRAWN BY:
N. GARY AVE.
CAROL STREAM, IL 60188
PHONE:800-278-5666
FAX:630-315-2150
WEB:WWW.LUMEX.COM425
T-2 CREAMIC STEM LED, 635nm RED LED, RED TRANSPARENT LENS
**THE SPECIFICATIONS MAY CHANGE AT ANY TIME WITHOUT NOTICE DUE TO NEW MATERIALS OR PRODUCT IMPROVEMENT.**
CONFIDENTIAL INFORMATION
THE INFORMATION CONTAINED IN THIS DOCUMENT IS THE PROPERTY OF LUMEX INC. EXCEPT AS SPECIFICALLY AUTHORIZED IN WRITING BY LUMEX INC., THE HOLDER OF THIS DOCUMENT SHALL
KEEP ALL INFORMATION CONTAINED HEREIN CONFIDENTIAL AND SHALL PROTECT SAME IN WHOLE OR IN PART FROM DISCLOSURE AND DISSEMINATION TO ALL THIRD PARTIES.
CHKD BY:
APRVD BY:
PAGE:
UNIT:
*UNLESS OTHERWISE SPECIFIED TOLERANCES PER DECIMAL PRECISION ARE: X=±1 (±0.039), X.X=±0.5 (±0.020), X.XX=±0.25 (±0.010), X.XXX=±0.127 (±0.005). LEAD SIZE=±0.05 (±0.002), LEAD LENGTH=±0.75 (±0.030). MIN=
MAX.=
+DECIMAL PRECISION
-0.00
+0.00
-DECIMAL PRECISION
NTF
Pb
PART NUMBER
REV
SSL-LX203CSIT
C
2017.09.12
1 OF 1
E.C.
G.Y.
DATE
ECN NUMBER
REV
A
B
C
05.13.04
07.26.11
09.12.17
E.C.N. # 11126
E.C.N. # 10BRDR & REDRAWN
ECN-Lumex201700069
R.C.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn