Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB02GW01-05-JE Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LB02GW01-05-JE
Description  Complement to LB Pushbuttons
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB02GW01-05-JE Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  LB02GW01-05-JE Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LB02GW01-05-JE Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB02GW01-05-JE Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB02GW01-05-JE Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB02GW01-05-JE Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LB Indicators
M16
M
Complement to LB Pushbuttons
www.nkkswitches.com
(+)
(-)
LED COLORS & SPECIFICATIONS
The electrical specifications shown are determined at a basic temperature of 25°C. Polarity marks are on the device.
If the source voltage exceeds the rated voltage, a ballast resistor is required.
The resistor value can be calculated by using the formula in the Supplement section.
Additional lamp detail is shown in the Accessories & Hardware section.
T-112 Bi-pin
Color Codes
Red
Amber
Green
Maximum Forward Current
I
FM
30mA
30mA
30mA
Typical Forward Current
I
F
20mA
20mA
20mA
Forward Voltage
V
F
1.9V
2.0V
2.1V
Maximum Reverse Voltage
V
RM
5V
5V
5V
Current Reduction Rate Above 25°C
∆I
F
0.42mA/°C 0.42mA/°C 0.42mA/°C
Ambient Temperature Range
–25° ~ +50°C
5C
5D
5F
No Code
Red
Amber
Green
No Resistor
(+)
(-)
AT635
LEDs are colored
in OFF state.
Bright LED without Resistor
AT627
5-volt
4-element
with Resistor
AT627
12-volt
4-element
with Resistor
AT627
24-volt
4-element
with Resistor
(+)
(-)
(+)
(-)
Resistor Codes
Color Codes:
Maximum Forward Current
I
FM
Typical Forward Current
I
F
52mA
26mA
13mA
Forward Voltage
V
F
5V
12V
24V
Maximum Reverse Voltage
V
RM
4V
8V
16V
Current Reduction Rate Above 25°C
∆I
F
0.50mA/°C
Ambient Temperature Range
–25° ~ +50°C
5C
5D
5F
12
24
05
Red
Amber
Green
AT627
with Resistor
T-1 Bi-pin
Bright LED with Resistor
Super Bright Single Element LED
Color
White
Green
Blue
Maximum Forward Current
I
FM
30mA
30mA
30mA
Typical Forward Current
I
F
20mA
20mA
20mA
Forward Voltage
V
F
3.3V
3.3V
3.3V
Maximum Reverse Voltage
V
RM
7V
7V
7V
Current Reduction Rate Above 25°C
∆I
F
0.40mA/°C 0.40mA/°C 0.40mA/°C
Ambient Temperature Range
–25° ~ +50°C
6F
6G
6B
AT625G Blue
AT631B White
AT632F Green
T-1 Bi-pin
(+)
(-)
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES


Similar Part No. - LB02GW01-05-JE

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LB02GW01 NKK-LB02GW01 Datasheet
183Kb / 5P
   Complement to LB Pushbuttons
More results

Similar Description - LB02GW01-05-JE

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LB01KW01 NKK-LB01KW01 Datasheet
183Kb / 5P
   Complement to LB Pushbuttons
UB201KW035C-1JB NKK-UB201KW035C-1JB_16 Datasheet
196Kb / 3P
   Complement to UB2 Pushbuttons
YB01KW01-05-BB NKK-YB01KW01-05-BB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
KB01KW01-05 NKK-KB01KW01-05 Datasheet
162Kb / 5P
   Complement to KB Pushbuttons
HB01KW01-5C-CB NKK-HB01KW01-5C-CB Datasheet
82Kb / 2P
   Complement to HB Pushbuttons
UB01KW015C NKK-UB01KW015C Datasheet
112Kb / 3P
   Complement to UB Pushbuttons
UB201KW035C-1JB NKK-UB201KW035C-1JB Datasheet
147Kb / 3P
   Complement to UB2 Pushbuttons
YB01KW01 NKK-YB01KW01 Datasheet
199Kb / 6P
   Complement to YB Pushbuttons
logo
List of Unclassifed Man...
FJV1845PMTF ETC2-FJV1845PMTF Datasheet
74Kb / 5P
   Complement to FJV992
logo
Inchange Semiconductor ...
2SA1265 ISC-2SA1265 Datasheet
111Kb / 2P
   Complement to Type 2SC3182
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com