Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE39449-12 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE39449-12
Description  N Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FL Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39449-12 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE39449-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39449-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39449-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39449-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
How to Order
Part Number Configuration:
PE39449-12
- xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE39449-12-12 = 12 inches long cable
PE39449-12-100cm = 100 cm long cable
N Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FL Coax,
RoHS from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable 12 Inch Length
Using PE-SR405FL Coax, RoHS PE39449-12
URL: http://www.pasternack.com/n-female-mcx-plug-pe-sr405fl-cable-assembly-pe39449-12-p.aspx
PE39449-12 REV 1.1
PE39449-12
N Female Bulkhead to MCX Plug Right Angle Semi-Flexible
Precision Cable 12 Inch Length Using PE-SR405FL Coax, RoHS


Similar Part No. - PE39449-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39449-18 PASTERNACK-PE39449-18 Datasheet
373Kb / 4P
   N Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FL Coax, RoHS
More results

Similar Description - PE39449-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39421-12 PASTERNACK-PE39421-12 Datasheet
374Kb / 4P
   SMA Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FL Coax, RoHS
PE39449-24 PASTERNACK-PE39449-24 Datasheet
372Kb / 4P
   N Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FL Coax, RoHS
PE39449 PASTERNACK-PE39449_15 Datasheet
372Kb / 4P
   N Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39463 PASTERNACK-PE39463 Datasheet
341Kb / 3P
   N Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39449-6 PASTERNACK-PE39449-6 Datasheet
373Kb / 4P
   N Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FL Coax, RoHS
PE39449-9 PASTERNACK-PE39449-9 Datasheet
372Kb / 4P
   N Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FL Coax, RoHS
PE39449-18 PASTERNACK-PE39449-18 Datasheet
373Kb / 4P
   N Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FL Coax, RoHS
PE39449 PASTERNACK-PE39449 Datasheet
336Kb / 3P
   N Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39421-24 PASTERNACK-PE39421-24 Datasheet
374Kb / 4P
   SMA Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FL Coax, RoHS
PE39421-9 PASTERNACK-PE39421-9 Datasheet
373Kb / 4P
   SMA Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FL Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com