Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE39447-9 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39447-9
Description  SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FL Coax, LF Solder, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39447-9 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39447-9 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39447-9 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39447-9 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39447-9 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.5
1
2.5
5
11
GHz
Insertion Loss (Typ.)
0.284
0.369
0.46
0.612
0.838
dB
.
Mechanical Specifications
Cable Assembly
Length*
9 in [228.6 mm]
Diameter
0.866 in [22 mm]
.
Weight
0.108 lbs [48.99 g]
Cable
Cable Type
PE-SR405FL
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Tinned Copper Braid
.
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
N Female Bulkhead
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Phosphor Bronze, Gold
Dielectric Type
PTFE
PTFE
Body Material and Plating
Brass, Gold
Brass, Nickel
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size
5/16 in.
Torque
8 in-lbs [0.9 Nm]
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
PE39447-9 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-
SR405FL Coax, LF Solder, RoHS PE39447-9
RF Cable Assemblies Technical Data Sheet
PE39447-9
SMA Male to N Female Bulkhead Semi-Flexible Precision Cable
9 Inch Length Using PE-SR405FL Coax, LF Solder, RoHS


Similar Part No. - PE39447-9

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39447-12 PASTERNACK-PE39447-12 Datasheet
386Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FL Coax, LF Solder, RoHS
PE39447-18 PASTERNACK-PE39447-18 Datasheet
386Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FL Coax, LF Solder, RoHS
PE39447-24 PASTERNACK-PE39447-24 Datasheet
386Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FL Coax, LF Solder, RoHS
PE39447-6 PASTERNACK-PE39447-6 Datasheet
386Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FL Coax, LF Solder, RoHS
More results

Similar Description - PE39447-9

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39447-24 PASTERNACK-PE39447-24 Datasheet
386Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FL Coax, LF Solder, RoHS
PE39447 PASTERNACK-PE39447_17 Datasheet
385Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable Using PE-SR405FL Coax, LF Solder, RoHS
PE39447-6 PASTERNACK-PE39447-6 Datasheet
386Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FL Coax, LF Solder, RoHS
PE39447-12 PASTERNACK-PE39447-12 Datasheet
386Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FL Coax, LF Solder, RoHS
PE39447-18 PASTERNACK-PE39447-18 Datasheet
386Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FL Coax, LF Solder, RoHS
PE39415-9 PASTERNACK-PE39415-9 Datasheet
371Kb / 4P
   SMA Male to SMA Male Semi-Flexible Cable 9 Inch Length Using PE-SR405FL Coax, LF Solder, RoHS
PE39419-9 PASTERNACK-PE39419-9 Datasheet
385Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FL Coax, RoHS
PE39476-9 PASTERNACK-PE39476-9 Datasheet
379Kb / 4P
   SMA Male Right Angle to TNC Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FL Coax, LF Solder, RoHS
PE39475-9 PASTERNACK-PE39475-9 Datasheet
376Kb / 4P
   SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FL Coax, RoHS
PE39418-9 PASTERNACK-PE39418-9 Datasheet
335Kb / 3P
   SMA Male to SMA Female Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FL Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com