Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPW24N60C3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPW24N60C3
Description  CoolMOS Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPW24N60C3 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPW24N60C3 Datasheet HTML 1Page - Infineon Technologies AG SPW24N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPW24N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPW24N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPW24N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPW24N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPW24N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPW24N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPW24N60C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SPW24N60C3
CoolMOS
TM Power Transistor
Features
• New revolutionary high voltage technology
• Ultra low gate charge
• Periodic avalanche rated
• Extreme dv /dt rated
• Ultra low effective capacitances
• Improved transconductance
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
A
T C=100 °C
Pulsed drain current
1)
I D,pulse
T C=25 °C
Avalanche energy, single pulse
E AS
I D=12.1 A, V DD=50 V
780
mJ
Avalanche energy, repetitive t AR
1),2)
E AR
I D=24.3 A, V DD=50 V
Avalanche current, repetitive t AR
1)
I AR
A
Drain source voltage slope
dv /dt
I D=24.3 A,
V DS=480 V, T j=125 °C
V/ns
Gate source voltage
V GS
static
V
V GS
AC (f >1 Hz)
Power dissipation
P tot
T C=25 °C
W
Operating and storage temperature
T j, T stg
°C
1.5
24.3
50
Value
24.3
15.4
72.9
±20
±30
240
-55 ... 150
V DS @ T j,max
650
V
R DS(on),max
0.16
I D
24.3
A
Product Summary
Type
Package
Ordering Code
Marking
SPW24N60C3
P-TO247
Q67040-S4640
24N60C3
P-TO247
Rev. 1.0
page 1
2004-04-27


Similar Part No. - SPW24N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPW24N60C3 INFINEON-SPW24N60C3 Datasheet
813Kb / 12P
   Cool MOS??Power Transistor
Rev. 2.5 2008-02-11
logo
Inchange Semiconductor ...
SPW24N60C3 ISC-SPW24N60C3 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPW24N60C3 INFINEON-SPW24N60C3_08 Datasheet
813Kb / 12P
   Cool MOS??Power Transistor
Rev. 2.5 2008-02-11
More results

Similar Description - SPW24N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R165CP INFINEON-IPB60R165CP Datasheet
335Kb / 10P
   CoolMOS Power Transistor
Rev. 2.1 2009-06-05
IPW60R045CP INFINEON-IPW60R045CP Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPI60R199CP INFINEON-IPI60R199CP Datasheet
323Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPP60R199CP INFINEON-IPP60R199CP Datasheet
338Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
SPA11N60CFD INFINEON-SPA11N60CFD Datasheet
262Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
IPW60R299CP INFINEON-IPW60R299CP Datasheet
353Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPD60R385CP INFINEON-IPD60R385CP Datasheet
350Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
IPW90R340C3 INFINEON-IPW90R340C3 Datasheet
761Kb / 11P
   CoolMOS Power Transistor
2008-07-29 revision:1.0
IPA60R125CP INFINEON-IPA60R125CP_07 Datasheet
562Kb / 10P
   CoolMos Power Transistor
2007-11-30 revision:2.1
SPA11N60CFD_1012 INFINEON-SPA11N60CFD_1012 Datasheet
560Kb / 12P
   CoolMOS Power Transistor
Rev. 1.4 2010-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com