Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSL-LX100133YD Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSL-LX100133YD
Description  T-3 1/8mm Yellow LED, Yellow Diffused LENS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LX100133YD Datasheet(HTML) 1 Page - LUMEX INC.

  SSL-LX100133YD Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SSL-LX100133YD

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX100133AC LUMEX-SSL-LX100133AC Datasheet
49Kb / 1P
   T-10mm LED, 605mm Amber
SSL-LX100133GC LUMEX-SSL-LX100133GC Datasheet
74Kb / 1P
   T-10mm 565mm Green LEd
SSL-LX100133GD LUMEX-SSL-LX100133GD Datasheet
40Kb / 1P
   T-3 Led, Green Diffused Lens
SSL-LX100133ID LUMEX-SSL-LX100133ID Datasheet
343Kb / 1P
   T-3 Led, Red Diffused Lens
SSL-LX100133IGW LUMEX-SSL-LX100133IGW Datasheet
41Kb / 1P
   T-3 Led Red,Green Bicolor Milky White Diffused Lens
More results

Similar Description - SSL-LX100133YD

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX100133SYD LUMEX-SSL-LX100133SYD Datasheet
352Kb / 1P
   T-3 1/8mm LED SUPER Yellow, Yellow Diffused LENS
SSL-LX433YD LUMEX-SSL-LX433YD Datasheet
94Kb / 1P
   T-5mm (T-1 3/4) 585nm YELLOW LED, YELLOW DIFFUSED FREZNEL LENS
logo
List of Unclassifed Man...
SSL-LX433YD ETC1-SSL-LX433YD Datasheet
48Kb / 1P
   T-5mm (T-1 3/4) 585nm YELLOW LED, YELLOW DIFFUSED FREZNEL LENS
SSL-LX5063YD ETC1-SSL-LX5063YD Datasheet
47Kb / 1P
   T-5mm (T-1 3/4) 585nm YELLOW LED, YELLOW DIFFUSED FREZNEL LENS
logo
LUMEX INC.
SSL-LX3054SYD LUMEX-SSL-LX3054SYD Datasheet
208Kb / 1P
   T-3mm (T-1) 590nm SUPER YELLOW LED, YELLOW DIFFUSED LENS.
SSL-LX509F3YD-5V LUMEX-SSL-LX509F3YD-5V Datasheet
63Kb / 1P
   T-5mm LED, 585mm YELLOW, YELLOW DIFFUSED LENS
SSL-LX3064LYD LUMEX-SSL-LX3064LYD Datasheet
68Kb / 1P
   T-3mm 590nm YELLOW LED, YELLOW DIFFUSED LENS
SSI-LXR1612YD LUMEX-SSI-LXR1612YD Datasheet
58Kb / 1P
   T-3MM (T-1) 585MM YELLOW LED TELLOW DIFFUSED LENS
SSL-LX3044YD LUMEX-SSL-LX3044YD Datasheet
53Kb / 1P
   T-3MM (T-1) 585MM YELLOW LED TELLOW DIFFUSED LENS
SSL-LX100133SOD LUMEX-SSL-LX100133SOD Datasheet
40Kb / 1P
   T-3 1/8mm LED SUPER ORANGE, Diffused LENS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com