Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ27C256-25JM Datasheet(PDF) 1 Page - Austin Semiconductor

Part # SMJ27C256-25JM
Description  256K UVEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMJ27C256-25JM Datasheet(HTML) 1 Page - Austin Semiconductor

  SMJ27C256-25JM Datasheet HTML 1Page - Austin Semiconductor SMJ27C256-25JM Datasheet HTML 2Page - Austin Semiconductor SMJ27C256-25JM Datasheet HTML 3Page - Austin Semiconductor SMJ27C256-25JM Datasheet HTML 4Page - Austin Semiconductor SMJ27C256-25JM Datasheet HTML 5Page - Austin Semiconductor SMJ27C256-25JM Datasheet HTML 6Page - Austin Semiconductor SMJ27C256-25JM Datasheet HTML 7Page - Austin Semiconductor SMJ27C256-25JM Datasheet HTML 8Page - Austin Semiconductor SMJ27C256-25JM Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UVEPROM
SMJ27C256
Austin Semiconductor, Inc.
SMJ27C256
Rev. 1.0 9/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
FEATURES
• Organized 32,768 x 8
• Single +5V ±10% power supply
• Pin-compatible with existing 256K ROM’s and
EPROM’s
• All inputs/outputs fully TTL compatible
• Power-saving CMOS technology
• Very high-speed SNAP! Pulse Programming
• 3-state output buffers
• 400-mV DC assured noise immunity with standarad
TTL loads
• Latchup immunity of 250 mA on all input and output
pins
• Low power dissipation (CMOS Input Levels)
PActive - 165mW Worst Case
PStandby - 1.7mW Worst Case (CMOS-input levels)
OPTIONS
MARKING
• Timing
150ns access
-15
170ns access
-17
200ns access
-20
250ns access
-25
300ns access
-30
• Package(s)
Ceramic DIP (600mils)
J
No. 110
• Operating Temperature Ranges
Military (-55oC to +125oC)
M
PIN ASSIGNMENT
(Top View)
AVAILABLE AS MILITARY
SPECIFICATIONS
• SMD 5962-86063
• MIL-STD-883
32-Pin DIP (J)
(600 MIL)
256K UVEPROM
UV Erasable Programmable
Read-Only Memory
For more products and information
please visit our web site at
www.austinsemiconductor.com
GENERAL DESCRIPTION
The SMJ27C256 series is a set of 262,144 bit, ultraviolet-
light erasable, electrically programmable read-only
memories. These devices are fabricated using power-saving
CMOS technology for high speed and simple interface with
MOS and bipolar circuits. All inputs (including program data
inputs) can be driven by Series 54 TTL circuits without the
use of external pullup resistors. Each output can drive one
Series 54 TTL circuit without external resistors. The data
outputs are 3-state for connecting multiple devices to a
common bus. The SMJ27C256 is pin-compatible with
28-pin 256K ROMs and EPROMs. It is offered in a 600mil
dual-in-line ceramic pagackage (J suffix) rated for operation
from -55°C to 125°C.
Because this EPROM operates from a single 5V supply (in
the read mode), it is ideal for use in microprocessor-based
systems. One other supply (13V) is needed for programming.
All programming signals are TTL level. This device is
programmable by the SNAP! Pulse programming algorithm.
The SNAP! Pulse programming algorithm uses a V
PP
of 13V
and a V
CC
of 6.5V for a nominal programming time of four
seconds. For programming outside the system, existing
EPROM programmers can be used. Locations can be
programmed singly, in blocks, or at random.
Pin Name
Function
A0 - A14
Address Inputs
DA0-DQ7 Inputs (programming)/Outputs
E\
Chip Enable/Power Down
G\
Output Enable
GND
Ground
VCC
5V Supply
VPP
13V Programming Power Supply
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V
PP
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
Vcc
A14
A13
A8
A9
A11
G\
A10
E\
DQ7
DQ6
DQ5
DQ4
DQ3


Similar Part No. - SMJ27C256-25JM

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SMJ27C256 SAMHOP-SMJ27C256 Datasheet
185Kb / 10P
   Built-in adjustable OSC
More results

Similar Description - SMJ27C256-25JM

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS27C256 AUSTIN-AS27C256 Datasheet
292Kb / 13P
   256K UVEPROM UV Erasable Programmable Read-Only Memory
SMJ27C010A AUSTIN-SMJ27C010A Datasheet
142Kb / 11P
   UVEPROM
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
Sanyo Semicon Device
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com