Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE228A Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE228A
Description  Silicon NPN Transistor High Voltage Amp, Video Output
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE228A Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
ON Characteristics (Note 1)
DC Current Gain
hFE
IC = 1mA, VCE = 10V
25
IC = 30mA, VCE = 10V
40
180
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 30mA, IB = 3mA
0.6
V
IC = 50mA, IB = 5mA
1.5
V
Base–Emitter ON Voltage
VBE(on)
IC = 30mA
0.85
V
Dynamic Characteristics
Current Gain–Bandwidth Product
fT
IC = 10mA, VE = 20V, f = 20MHz
45
200
MHz
Collector–Base Capacitance
Ccb
VCB = 20V, IE = 0, f = 1MHz
3
pF
Note 1. Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2%.
.059 (1.5) x 45
°
Chamf
.165 (4.2) Dia
.119 (3.0)
.335
(8.5)
.394 (10.0)
.492
(12.5)
.335
(8.5)
.532
(13.5)
.098 (2.5)
.181 (4.6)
C
EB
C
.197 (5.0)
.138 (3.5)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn