Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR10B Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # FR10B
Description  10.0 Ampere Surface Mount Round Lead Fast Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FR10B Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  FR10B Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FR10B Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
For surface mounted application
Low profile package
Built-in strain relief
Ideal for automated placement
Easy pick and place
Fast recovery time for high efficiency
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Mechanical Data
Terminals: Pure tin plated, lead free.
Polarity: Indicated by cathode band
Packing: Tape&Reel
Weight: 0.093 gram approximately
Maximum Ratings and Electrical Characteristics
Rating at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Units
Maximum Recurrent Peak Reverse
Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
Maximum Average Forward Rectified
Current See Fig. 1
I(AV)
Peak Forward Surge Current, 8.3 ms
Single Half Sine-wave Superimposed on
Rated Load (JEDEC method )
IFSM
Maximum Instantaneous Forward Voltage
@ 8.0A
VF
Maximum DC Reverse Current
@TA =25
oC at Rated DC Blocking Voltage
@ TA=100
oC
IR
10
50
uA
uA
Maximum Reverse Recovery Time
( Note 1 )
Typical Junction Capacitance ( Note 2 )
Cj
45
30
Maximum Thermal Resistance (Note 3)
RθJA
RθJL
75
20
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
Notes:
1. Reverse Recovery Test Conditions: I
F=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied V
R=4.0 Volts
3. Units Mounted on P.C.B. 0.4” x 0.4” (10mm x 10mm) Pad Areas
pF
50
100
200
400
600
800
1000
V
Symbol FR10A FR10B FR10D FR10G FR10J FR10K FR10M
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
1.3
V
10.0
A
300
A
Trr
nS
150
250
500
FR10A thru FR10M
Pb Free Plating Product
FR10A thru FR10M
10.0 Ampere Surface Mount Round Lead Fast Recovery Rectifier Diodes
Pb
℃/W
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.07C
OUTLINE
Unit:inch(millimeter)
HSMC/SMC-W/SMCE
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.200
.214
5.08
5.43
B
.177
.203
4.705.30
C
.002
.005
.05
.13
D
---
.02
---
.51
E.047
.056
1.20
1.42
F
.168
.179
4.27
4.55
G.309
.322
7.85
8.18
H
.239
.243
6.08
6.18
J
.234
.240
5.95
6.10
H
J
E
F
G
A
B
D
C
Cathode Band
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Cases: HSMC(Round Lead)/SME Pkg


Similar Part No. - FR10B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR10B MCC-FR10B Datasheet
621Kb / 3P
   10 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR10B MCC-FR10B Datasheet
247Kb / 4P
   10 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
SUNMATE electronic Co.,...
FR10B SUNMATE-FR10B Datasheet
421Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Thinki Semiconductor Co...
FR10B THINKISEMI-FR10B Datasheet
621Kb / 2P
   10.0 Ampere Surface Mount Round Lead Fast Recovery Rectifier Diodes
More results

Similar Description - FR10B

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FR10A THINKISEMI-FR10A_17 Datasheet
621Kb / 2P
   10.0 Ampere Surface Mount Round Lead Fast Recovery Rectifier Diodes
FS10A THINKISEMI-FS10A Datasheet
621Kb / 2P
   10.0 Ampere Surface Mount Round Lead Fast Recovery Rectifier Diodes
SK1035 THINKISEMI-SK1035_17 Datasheet
779Kb / 2P
   10.0 Ampere Surface Mount Round Lead Schottky Barrier Rectifier Diodes
SK1035 THINKISEMI-SK1035 Datasheet
761Kb / 2P
   10.0 Ampere Surface Mount Round Lead Schottky Barrier Rectifier Diodes
SK152 THINKISEMI-SK152_17 Datasheet
791Kb / 2P
   15.0 Ampere Surface Mount Round Lead Schottky Barrier Rectifier Diodes
SK152 THINKISEMI-SK152 Datasheet
774Kb / 2P
   15.0 Ampere Surface Mount Round Lead Schottky Barrier Rectifier Diodes
ES5A THINKISEMI-ES5A Datasheet
683Kb / 2P
   5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
ES3A THINKISEMI-ES3A Datasheet
636Kb / 2P
   3 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
ES5A THINKISEMI-ES5A Datasheet
683Kb / 2P
   5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
HFA04SD20S THINKISEMI-HFA04SD20S Datasheet
697Kb / 2P
   4.0 Ampere Surface Mount Type Ultra Fast Recovery Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com