Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB550 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SB550
Description  Schottky Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SB550 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SB550 Datasheet HTML 1Page - Fairchild Semiconductor SB550 Datasheet HTML 2Page - Fairchild Semiconductor SB550 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB520 - SB5100, Rev. C
2001 Fairchild Semiconductor Corporation
Features
Metal to silicon rectifier, majority
carrier conduction.
For use in low voltage, high
frequency inverters free
wheeling, and polarity
protection applications.
Low power loss, high efficiency.
High current capability, low V
F.
High surge capacity.
SB520 - SB5100
Schottky Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Value
Units
P
D
Power Dissipation
5.0
W
RθJA
Thermal Resistance, Junction to Ambient
25
°C/W
Symbol
Parameter
Device
Units
520
530
540
550
560
580
5100
VF
Forward Voltage @ 5.0 A
0.55
0.67
0.85
V
I
R
Reverse Current @ rated V
R
T
A = 25°C
0.5
mA
T
A = 100°C
50
25
mA
C
T
Total Capacitance
V
R = 4.0 V, f = 1.0 MHz
500
380
pF
DO-201AD
COLOR BAND DENOTES CATHODE
Thermal Characteristics
Symbol
Parameter
Value
Units
520
530
540
550
560
580
5100
V
RRM
Maximum Repetitive Reverse Voltage
20
30
40
50
60
80
100
V
I
F(AV)
Average Rectified Forward Current
.375 " lead length @ T
A = 75°C
5.0
A
I
FSM
Non-repetitive Peak Forward Surge Current
8.3 ms Single Half-Sine-Wave
150
A
T
stg
Storage Temperature Range
-50 to +150
°C
T
J
Operating Junction Temperature
-50 to +150
°C


Similar Part No. - SB550

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB550 PANJIT-SB550 Datasheet
57Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Rugao Dachang Electroni...
SB550 DACHANG-SB550 Datasheet
117Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Diotec Semiconductor
SB550 DIOTEC-SB550 Datasheet
59Kb / 2P
   Schottky Barrier Rectifiers
logo
New Jersey Semi-Conduct...
SB550 NJSEMI-SB550 Datasheet
95Kb / 1P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB550 PANJIT-SB550 Datasheet
53Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB550

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Motorola, Inc
MBR040 MOTOROLA-MBR040 Datasheet
159Kb / 2P
   Schottky rectifiers
logo
Central Semiconductor C...
CSHDD16-40C CENTRAL-CSHDD16-40C_15 Datasheet
557Kb / 2P
   SCHOTTKY RECTIFIERS
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32_01 Datasheet
53Kb / 3P
   Schottky Rectifiers
logo
Dongguan City Niuhang E...
K22-NH-E-OK NIUHANG-K22-NH-E-OK Datasheet
1Mb / 3P
   SCHOTTKY RECTIFIERS
MBR2020CT NIUHANG-MBR2020CT Datasheet
2Mb / 5P
   SCHOTTKY RECTIFIERS
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
   SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
   SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
   SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com