Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CUN66B1B Datasheet(PDF) 8 Page - Roithner LaserTechnik GmbH

Part # CUN66B1B
Description  Low thermal resistance
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

CUN66B1B Datasheet(HTML) 8 Page - Roithner LaserTechnik GmbH

Back Button CUN66B1B Datasheet HTML 4Page - Roithner LaserTechnik GmbH CUN66B1B Datasheet HTML 5Page - Roithner LaserTechnik GmbH CUN66B1B Datasheet HTML 6Page - Roithner LaserTechnik GmbH CUN66B1B Datasheet HTML 7Page - Roithner LaserTechnik GmbH CUN66B1B Datasheet HTML 8Page - Roithner LaserTechnik GmbH CUN66B1B Datasheet HTML 9Page - Roithner LaserTechnik GmbH CUN66B1B Datasheet HTML 10Page - Roithner LaserTechnik GmbH CUN66B1B Datasheet HTML 11Page - Roithner LaserTechnik GmbH CUN66B1B Datasheet HTML 12Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
서식 Rev : 00
문서명 : 제품개발(UV PKG) 절차서
www.seoulviosys.com
0
20
40
60
80
100
120
25
35
45
55
65
75
85
Ambient Temperature [ ℃]
5. Relative Radiant Flux VS Ambient Temperature
6. Peak Wavelength VS Ambient Temperature
(IF=500mA)
(IF=500mA)
350
360
370
380
390
400
410
25
35
45
55
65
75
85
Ambient Temperature [ ℃]


Similar Part No. - CUN66B1B

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
CUN6AF1B ROITHNER-CUN6AF1B Datasheet
3Mb / 19P
   High power UV LED series are designed
More results

Similar Description - CUN66B1B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
   Low thermal resistance
Rev. B, 02-May-16
logo
STMicroelectronics
STTH8S12 STMICROELECTRONICS-STTH8S12 Datasheet
235Kb / 8P
   Low thermal resistance
September 2014 Rev 1
STGW80V60DF STMICROELECTRONICS-STGW80V60DF Datasheet
1Mb / 18P
   Low thermal resistance
January 2014 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com