Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC81718NSZ Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC81718NSZ
Description  Low Input Current Type Photocoupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC81718NSZ Datasheet(HTML) 1 Page - Sharp Corporation

  PC81718NSZ Datasheet HTML 1Page - Sharp Corporation PC81718NSZ Datasheet HTML 2Page - Sharp Corporation PC81718NSZ Datasheet HTML 3Page - Sharp Corporation PC81718NSZ Datasheet HTML 4Page - Sharp Corporation PC81718NSZ Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PC8171X NSZ Series
PC8171XNSZ Series
s Rank Table
s Absolute Maximum Ratings
s Outline Dimensions
(Unit : mm)
Low Input Current Type
Photocoupler
1. Programmable controllers
2. Facsimiles
3. Telephones
s Features
s Applications
1. Low input current type(IF
=0.5mA)
2. High resistance to noise due to high common rejection
voltage (CMR:MIN. 10kV/
µs)
3. Compact dual-in line package
4. Isolation voltage(Viso:5kVrms)
5. Recognized by UL, file No. E64380
*1 Pulse width
<=100µs, Duty ratio=0.001
*2 40 to 60%RH, AC for 1 minute, f
=60Hz
*3 For 10s
Parameter
Symbol
Rating
Unit
Forward current
Peak forward current
IF
IFM
10
200
mA
mA
mA
Reverse voltage
Input
Output
VR
V
V
Power dissipation
Collector-emitter voltage
P
15
Collector power dissipation
Collector current
Total power dissipation
150
70
50
mW
mW
mW
Ptot
IC
PC
VCEO
V
Emitter-collector voltage
6
VECO
Viso
kVrms
170
Operating temperature
Topr
−55 to +125
−30 to +100
°C
°C
Storage temperature
Isolation voltage
Tstg
*2
*3
*1
Soldering temperature
Tsol
260
5
°C
(Ta
=25°C)
6
8 1 7 1
6.5±
0.5
7.62±
0.3
4.58±
0.5
Anode mark
0.5±
0.1
0.26±
0.1
θ
θ
θ : 0 to 13°
Epoxy resin
1
2
3
4
Anode
Anode
Cathode
Emitter
Collector
Internal connection diagram
1
2
4
3
1
2
4
3
Model No.
Rank mark
Ic (mA)
Conditions
PC81710NSZ
PC81711NSZ
PC81712NSZ
PC81713NSZ
PC81715NSZ
PC81716NSZ
PC81718NSZ
A, B, C or no mark
A
B
C
A or B
B or C
A, B or C
0.5 to 3.0
0.6 to 1.5
0.8 to 2.0
1.0 to 2.5
0.6 to 2.0
0.8 to 2.5
0.6 to 2.5
IF
=0.5mA
VCE
=5V
Ta
=25°C
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/


Similar Part No. - PC81718NSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC81718NSZ0F SHARP-PC81718NSZ0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
More results

Similar Description - PC81718NSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
   Low Input Current Type Photocoupler
PC367NT SHARP-PC367NT Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC364N SHARP-PC364N Datasheet
63Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC727 SHARP-PC727 Datasheet
36Kb / 2P
   Low Input Current Drive Type Photocoupler
logo
COSMO Electronics Corp...
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010Z COSMO-K1010Z Datasheet
977Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com