Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC81715NSZ Datasheet(PDF) 5 Page - Sharp Electrionic Components

Part No. PC81715NSZ
Description  Low Input Current Type Photocoupler
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PC81715NSZ Datasheet(HTML) 5 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PC8171XNSZ Series
Fig.18 Reflow Soldering
25
°C
2min
230
°C
200
°C
180
°C
1min
30s
1min
10s
Only one time soldering is recommended within the temperature
profile shown below.
Fig.16 Voltage Gain vs Frequency
−25
5
0.1
1
10
100
1000
Frequency f (kHz)
VCE=2V
IC=2mA
Ta=25°C
0
−5
−10
−15
−20
RL=10kΩ
1k
100
Fig.17 Collector-emitter Saturation Voltage
vs. Forward Current
Forward current IF (mA)
0
5
0
2
4
6
8
10
Ta=25°C
4
3
2
1
IC=7mA
IC=5mA
IC=3mA
IC=2mA
IC=1mA
IC=0.5mA


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn