Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0S1BA Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PESD5V0S1BA
Description  Low capacitance bidirectional ESD protection diodes
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0S1BA Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PESD5V0S1BA Datasheet HTML 4Page - NXP Semiconductors PESD5V0S1BA Datasheet HTML 5Page - NXP Semiconductors PESD5V0S1BA Datasheet HTML 6Page - NXP Semiconductors PESD5V0S1BA Datasheet HTML 7Page - NXP Semiconductors PESD5V0S1BA Datasheet HTML 8Page - NXP Semiconductors PESD5V0S1BA Datasheet HTML 9Page - NXP Semiconductors PESD5V0S1BA Datasheet HTML 10Page - NXP Semiconductors PESD5V0S1BA Datasheet HTML 11Page - NXP Semiconductors PESD5V0S1BA Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
9397 750 14036
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 17 December 2004
8 of 15
Philips Semiconductors
PESD5V0S1BA/BB/BL
Low capacitance bidirectional ESD protection diodes
7.
Application information
PESD5V0S1Bx series is designed for the protection of one bidirectional signal line from
the damage caused by ElectroStatic Discharge (ESD) and surge pulses. The devices may
be used on lines where the signal polarities are above and below ground. They provide a
surge capability of up to 130 W per line for a 8/20
µs waveform.
Circuit board layout and protection device placement:
Circuit board layout is critical for the suppression of ESD, EFT and surge transients.
The following guidelines are recommended:
1. Place the protection device as close to the input terminal or connector as possible.
2. The path length between the protection device and the protected line should be
minimized.
3. Keep parallel signal paths to a minimum.
4. Avoid running protection conductors in parallel with unprotected conductor.
5. Minimize all printed-circuit board conductive loops including power and ground loops.
6. Minimize the length of the transient return path to ground.
7. Avoid using shared transient return paths to a common ground point.
8. Ground planes should be used whenever possible. For multilayer printed-circuit
boards, use ground vias.
Fig 8.
Bidirectional protection of one signal line.
006aaa057
PESD5V0S1Bx
GND
signal line


Similar Part No. - PESD5V0S1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0S1BA NXP-PESD5V0S1BA Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
PESD5V0S1BA NXP-PESD5V0S1BA Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
logo
Shanghai Leiditech Elec...
PESD5V0S1BA LEIDITECH-PESD5V0S1BA Datasheet
475Kb / 3P
   BIDIRECTIONAL TVS DIODE
Rev : 01.06.2018
logo
TECH PUBLIC Electronics...
PESD5V0S1BA TECHPUBLIC-PESD5V0S1BA Datasheet
2Mb / 4P
   1-Line Bl-directional TVS Diode
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA Datasheet
203Kb / 10P
   Bidirectional ESD protection diode
23 August 2018
More results

Similar Description - PESD5V0S1BA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S1B NXP-PESD5V0S1B Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
PESD5V0S1BA NXP-PESD5V0S1BA Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
logo
Vishay Siliconix
GCDA15C-1 VISHAY-GCDA15C-1 Datasheet
72Kb / 4P
   Low Capacitance Bidirectional ESD Protection Diodes
Rev. 1.1, 19-Oct-04
logo
Nexperia B.V. All right...
PESD5V0S1BA-V01 NEXPERIA-PESD5V0S1BA-V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
Pan Jit International I...
PJEC24MTA PANJIT-PJEC24MTA Datasheet
126Kb / 5P
   LOW CAPACITANCE DOUBLE BIDIRECTIONAL ESD PROTECTION DIODES
logo
NXP Semiconductors
PESD5V0V2BMB PHILIPS-PESD5V0V2BMB_15 Datasheet
219Kb / 12P
   Very low capacitance bidirectional ESD protection diodes
17 August 2015
PESD5V0V1BA PHILIPS-PESD5V0V1BA_15 Datasheet
272Kb / 14P
   Very low capacitance bidirectional ESD protection diodes
Rev. 2-9 November 2012
logo
Nexperia B.V. All right...
PESD5V0X1BQ NEXPERIA-PESD5V0X1BQ Datasheet
208Kb / 12P
   Ultra low capacitance bidirectional ESD protection diodes
28 December 2022
logo
NXP Semiconductors
PESD5V0X1BT NXP-PESD5V0X1BT Datasheet
83Kb / 13P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com