Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93529P1 Datasheet(PDF) 1 Page - Nuvotem Talema

Part # 93529P1
Description  5A Tape Wound Current Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

93529P1 Datasheet(HTML) 1 Page - Nuvotem Talema

  93529P1 Datasheet HTML 1Page - Nuvotem Talema 93529P1 Datasheet HTML 2Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Applications
• Current Monitoring Generators
• Switchgear
• Distribution
• ControlPanels
Features
FSD Range of high quality toridal current transformers are suitable for
measuring AC current from 60A-2500A with 5A secondary windings.
This range of tape wound transformer offers a cost effective solution
where as conventional bus bar mount types are not suitable. FSD
Range is rugged construction, unaffected by vibration and come with
3Metres long flying leads for versatality of mounting location, simple
& effective termination. Cost-effective solution without compromising
on Quality. Manufactured in an ISO 9001:2008, ISO/TS 16949:2009
and ISO 14001:2004 certified Talema facility. Fully RoHS & REACH
Compliant.
FSD RANGE
5A Tape Wound Current Transformers
Specification
• Overload 1.2times rated primary current
• Isolation 3KV (50Hz for 1 Minute)
• Lead length: 3 Metres
• Accuray class 3
• Rated system voltage 0.72KV
• Insulation class E
• Operating temperature -20°C to +70°C
• Confims to IEC441-1 & EN60044-1
• Mounting: None supplied (Normally fixed with cable ties)
Talema Group
Magnetic Components
www.talema.com
t
r
a
P
r
e
b
m
u
N
o
i
t
a
RA
V
.
x
o
r
p
p
A
"
m
m
"
n
i
n
o
i
s
n
e
m
i
D
.
x
o
r
p
p
A
n
i
t
h
g
i
e
W
s
m
a
r
G
*
*
k
c
o
t
S
S
R
e
d
o
C
r
o
f
r
e
b
m
u
N
t
r
a
P
s
t
n
e
n
o
p
m
o
C
S
R
D
OD
IT
H
1
P
6
2
5
3
95
/
0
65
.
30
72
36
30
0
64
1
6
1
-
1
5
71
P
1
8
4
3
9
1
P
7
2
5
3
95
/
0
0
15
.
30
72
30
20
3
37
1
6
1
-
1
5
71
P
2
8
4
3
9
1
P
8
2
5
3
95
/
0
5
15
0
72
30
20
4
31
1
6
1
-
1
5
71
P
3
8
4
3
9
1
P
9
2
5
3
95
/
0
0
25
2
67
30
20
7
10
2
6
1
-
1
5
71
P
4
8
4
3
9
1
P
0
3
5
3
95
/
0
5
25
2
67
30
25
7
13
2
6
1
-
1
5
71
P
5
8
4
3
9
1
P
1
3
5
3
95
/
0
0
35
2
67
30
25
8
17
2
6
1
-
1
5
71
P
6
8
4
3
9
1
P
2
3
5
3
95
/
0
0
45
0
84
50
20
6
26
3
6
1
-
1
5
71
P
7
8
4
3
9
1
P
3
3
5
3
95
/
0
0
55
0
84
50
20
7
29
3
6
1
-
1
5
71
P
8
8
4
3
9
1
P
4
3
5
3
95
/
0
0
65
0
84
50
25
8
23
3
6
1
-
1
5
71
P
9
8
4
3
9
1
P
5
3
5
3
95
/
0
0
85
2
0
14
70
25
1
42
4
6
1
-
1
5
71
P
0
9
4
3
9
1
P
6
3
5
3
95
/
0
0
0
15
2
0
14
70
25
4
45
4
6
1
-
1
5
71
P
1
9
4
3
9
1
P
7
3
5
3
95
/
0
0
6
15
0
2
12
90
25
1
4A
/
NA
/
N
1
P
8
3
5
3
95
/
0
0
0
25
0
2
12
90
20
6
4A
/
NA
/
N
1
P
9
3
5
3
95
/
0
0
5
25
0
2
12
90
25
1
5A
/
NA
/
N
** Up to 1000/5A available at RS Components from June 2012


Similar Part No. - 93529P1

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9352 KEYSTONE-9352 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Murata Manufacturing Co...
935242520427-F1T MURATA1-935242520427-F1T Datasheet
819Kb / 7P
   Wire Bondable Vertical SiCap WBSC/WLSC 0205 2.7 nF BV150
Rev. 2.01
935242520427-T3T MURATA1-935242520427-T3T Datasheet
819Kb / 7P
   Wire Bondable Vertical SiCap WBSC/WLSC 0205 2.7 nF BV150
Rev. 2.01
935242521437-XXT MURATA1-935242521437-XXT Datasheet
176Kb / 2P
   Power Amp for RF,Automotive
Last updated06/13/2022
935242522447-F1T MURATA1-935242522447-F1T Datasheet
770Kb / 8P
   Wire bonding vertical SiCap 4.7nF 0,5x2mm
Rev. 3.0
More results

Similar Description - 93529P1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ATB2012-50011-T000 TDK-ATB2012-50011-T000 Datasheet
168Kb / 13P
   Balun Transformers Wound SMD
ATB3225-75011CT TDK-ATB3225-75011CT_16 Datasheet
173Kb / 13P
   Balun Transformers Wound SMD
logo
Myrra
74540 MYRRA-74540 Datasheet
87Kb / 1P
   CURRENT TRANSFORMERS
74530 MYRRA-74530 Datasheet
102Kb / 1P
   CURRENT TRANSFORMERS
74520 MYRRA-74520 Datasheet
100Kb / 1P
   CURRENT TRANSFORMERS
74500 MYRRA-74500 Datasheet
84Kb / 1P
   CURRENT TRANSFORMERS
74560 MYRRA-74560 Datasheet
108Kb / 1P
   CURRENT TRANSFORMERS
74550 MYRRA-74550 Datasheet
97Kb / 1P
   CURRENT TRANSFORMERS
74570 MYRRA-74570 Datasheet
97Kb / 1P
   CURRENT TRANSFORMERS
logo
Pulse A Technitrol Comp...
PA1138NLT PULSE-PA1138NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com