Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE221 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE221
Description  MOSFET Dual Gate, N-Channel for VHF TV Receivers Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE221 Datasheet(HTML) 2 Page - NTE Electronics

  NTE221 Datasheet HTML 1Page - NTE Electronics NTE221 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain Current
IDSS
VDS = 13V, VG1S = 0, VG2S = 4V
18
mA
Forward Transconductance
gfs
VDS = 13V, ID = 10mA, VG2S = 4V,
f = 1kHz
1000
µmhos
Performance Characteristics: (TA = +25°C, f = 200MHz, Note 2 unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Small–Signal, Short Circuit Reverse
Transfer Capacitance
Crss
(Drain–to–Gate 1) at f = 1MHz
0.02
0.03
pF
Output Capacitance
Coss
2.2
pF
Input Capacitance
Ciss
5.5
pF
Input Resistance
riss
1.2
k
Output Resistance
ross
2.8
k
Magnitude of Forward Transconductance
|Yfs|
11000
µmhos
Phase Angle of Forward Transadmittance
–46
deg
Maximum Available Power Gain
MAG
20
dB
Maximum Usable Power Gain
(Unneutralized)
MUGu
Note 3
20
dB
Power Gain
GPS
17.5
dB
Noise Figure
NF
5
dB
Note 2. VG1S is adjusted for ID = 10mA, Gate 2 at AC ground potential, VDS = 13V, VG2S = 4V.
Note 3. Limited by practical design considerations.
.220 (5.58) Dia
.185 (4.7) Dia
.030 (.762)
.040 (1.02)
.018 (0.45) Dia
45
°
Drain
Gate 2
Gate 1
Source/Case
.190
(4.82)
.500
(12.7)
Min


Similar Part No. - NTE221

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE22 NTE-NTE22 Datasheet
19Kb / 2P
   Silicon NPN Transistor AF PO, General Purpose Amp, Driver
NTE222 NTE-NTE222 Datasheet
24Kb / 2P
   Field Effect Transistor Dual Gate N-Channel MOSFET
NTE224 NTE-NTE224 Datasheet
55Kb / 2P
   Silicon NPN Transistor Final RF Power Output for CB PO = 4W, 50MHz
NTE225 NTE-NTE225 Datasheet
60Kb / 2P
   Silicon NPN Transistor Linear Amplifier and High Speed Switch
NTE226 NTE-NTE226 Datasheet
17Kb / 2P
   Germanium PNP Transistor Audio Power Amp
More results

Similar Description - NTE221

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
3SK151 TOSHIBA-3SK151 Datasheet
232Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TYNER VHF MIXER, VHF RF AMPLIFIER APPLICATIONS)
3SK260 TOSHIBA-3SK260 Datasheet
229Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TUNER VHF MIXER,VHF RF AMPLIFIER APPLICATIONS)
3SK294 TOSHIBA-3SK294 Datasheet
204Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TUNER, VHF RF AMPLIFIER APPLICATIONS)
3SK292 TOSHIBA-3SK292 Datasheet
204Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TUNER, VHF RF AMPLIFIER APPLICATIONS)
3SK226 TOSHIBA-3SK226_07 Datasheet
678Kb / 6P
   Silicon N Channel Dual Gate MOS Type TV Tuner, VHF RF Amplifier Applications
3SK258 TOSHIBA-3SK258 Datasheet
215Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV, FM TUNER VHF RF AMPLIFIER APPLICATIONS)
3SK225 TOSHIBA-3SK225_07 Datasheet
656Kb / 6P
   Silicon N Channel Dual Gate MOS Type TV Tuner, VHF RF Amplifier Applications
3SK126 TOSHIBA-3SK126 Datasheet
228Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TY TUNER, VHF RF AMPLIFIER, TV TUNER VHF MIXER APPLICATIONS)
3SK195 TOSHIBA-3SK195 Datasheet
223Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TUNER, VHF RF AMPLIFIER ,FM TUNER APPLICATIONS)
3SK226 TOSHIBA-3SK226 Datasheet
214Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TUNER, VHF RF AMPLIFIER , FM TUNER APPLICATIONS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com