Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCA3106R14S-2SWG-D-BSN-1 Datasheet(PDF) 4 Page - DDK Ltd.

Part # DCA3106R14S-2SWG-D-BSN-1
Description  Reverse Bayonet Coupling Connectors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DCA3106R14S-2SWG-D-BSN-1 Datasheet(HTML) 4 Page - DDK Ltd.

  DCA3106R14S-2SWG-D-BSN-1 Datasheet HTML 1Page - DDK Ltd. DCA3106R14S-2SWG-D-BSN-1 Datasheet HTML 2Page - DDK Ltd. DCA3106R14S-2SWG-D-BSN-1 Datasheet HTML 3Page - DDK Ltd. DCA3106R14S-2SWG-D-BSN-1 Datasheet HTML 4Page - DDK Ltd. DCA3106R14S-2SWG-D-BSN-1 Datasheet HTML 5Page - DDK Ltd. DCA3106R14S-2SWG-D-BSN-1 Datasheet HTML 6Page - DDK Ltd. DCA3106R14S-2SWG-D-BSN-1 Datasheet HTML 7Page - DDK Ltd. DCA3106R14S-2SWG-D-BSN-1 Datasheet HTML 8Page - DDK Ltd. DCA3106R14S-2SWG-D-BSN-1 Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
http://www.ddknet.co.jp
DCA Series
4
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
Insert No.
Key / Keyway No.
W
X
Y
Z
10SL-3
10SL-4
12S-3
70°
145°
215°
290°
14S-2
120°
240°
14S-5
110°
14S-6
14S-7
90°
180°
270°
16S-1
80
280°
16S-5
70°
145°
215°
290°
16S-8
170°
265°
16-9
35°
110°
250°
325°
16-10
90°
180°
270°
18-1
70°
145°
215°
290°
18-3
35°
110°
250°
325°
18-10
120°
240°
18-11
170°
265°
18-19
120°
240°
20-2
20-15
80°
280°
20-27
35°
110°
250°
325°
20-29
80°
280°
20-33
22-14
80°
110°
250°
280°
22-19
80°
110°
250°
280°
22-22
110°
250°
24-10
80°
280°
24-28
80°
110°
250°
280°
28-5B
28-21
80°
110°
250°
280°
32-17
45°
110°
250°
36-3
70°
145°
215°
290°
36-10
80°
125°
235°
280°
Front face of Pin Insert or Rear face of socket insert
○ Connector Combination
DCA3101Exxxx-xxP/Sx-x-BSN-0
Cable Receptacle Connector
K-512552(6/6)
Alternate Insert Positions
Insert No.
10SL-3
W
X
Y
Z
-
-
-
-
10SL-4
-
-
-
-
12S-3
70 145 215 290
14S-2
-
120 240 -
14S-5
-
110 -
-
14S-6
-
-
-
-
14S-7
90 180 270 -
16S-1
80
-
-
280
16S-5
70 145 215 290
16S-8
-
170 265 -
16-9
35 110 250 325
16-10
90 180 270 -
18-1
70 145 215 290
18-3
35 110 250 325
18-10
-
120 240 -
18-11
-
170 265 -
18-19
-
120 240 -
20-15
80
-
-
280
20-27
35 110 250 325
20-29
80
-
-
280
20-33
-
22-14
80 110 250 280
22-19
80 110 250 280
24-10
80
-
-
280
24-28
80 110 250 280
28-5B
-
-
-
-
28-21
80 110 250 280
32-17
45 110 250 -
36-3
70 145 215 290
36-10
80 125 235 280
22-22
-
110 250 -
-
-
-
W
Z
Y
Front View of Pin Insert
20-2
-
-
-
-
CL (Normal Position)
W
X
Y
Z
○ Alternate Insert Position
Receptacle Connector
Plug Connector
DCA3101E
DCA3107E
DCA3102E
DCA3101E
ケーブルレセプタクル
DCA3108E/F
アングルプラグ
DCA3107E
ジャムナット
DCA3108F
DCA3106F
DCA3102R
DCA3101E
ケーブルレセプタクル
DCA3108E/F
アングルプラグ
DCA3107E
ジャムナット
DCA3101E
ケーブルレセプタクル
DCA3108E/F
アングルプラグ
DCA3107E
ジャムナット
DCA3101E
ケーブルレセプタクル
DCA3108E/F
アングルプラグ
DCA3107E
ジャムナット
DCA3101E
ケーブルレセプタクル
DCA3108E/F
アングルプラグ
DCA3107E
ジャムナット
Straight Plug
Angle Plug
Cable Receptacle
Box Receptacle
Jam-Nut Receptacle


Similar Part No. - DCA3106R14S-2SWG-D-BSN-1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DCA3106A14S20-29PW-BSN-F DDK-DCA3106A14S20-29PW-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
DCA3106A14S20-29PX-BSN-F DDK-DCA3106A14S20-29PX-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
DCA3106A14S20-29PY-BSN-F DDK-DCA3106A14S20-29PY-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
DCA3106A14S20-29PZ-BSN-F DDK-DCA3106A14S20-29PZ-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
DCA3106A14S20-29SW-BSN-F DDK-DCA3106A14S20-29SW-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
More results

Similar Description - DCA3106R14S-2SWG-D-BSN-1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DCA3100A14S-29SW-BSN-F DDK-DCA3100A14S-29SW-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
logo
Amphenol Corporation
GTC08F16S-4S AMPHENOL-GTC08F16S-4S Datasheet
1Mb / 95P
   Amphenol GT Series Reverse Bayonet Coupling Connectors
logo
Glenair, Inc.
240-ITSJ GLENAIR-240-ITSJ Datasheet
94Kb / 2P
   Jam Nut Mount with Reverse Bayonet Coupling
240-ITSW GLENAIR-240-ITSW Datasheet
91Kb / 2P
   Rear Panel Mount with Reverse Bayonet Coupling
230-021 GLENAIR-230-021 Datasheet
416Kb / 2P
   Bayonet Coupling Box Mount Receptacle
947-292 GLENAIR-947-292 Datasheet
402Kb / 2P
   Bayonet Coupling Jam Nut Mount
230-020 GLENAIR-230-020 Datasheet
266Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-015 GLENAIR-230-015 Datasheet
287Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
947-292 GLENAIR-947-292_15 Datasheet
295Kb / 2P
   Bayonet Coupling Jam Nut Mount
logo
Amphenol Corporation
31-242 AMPHENOL-31-242 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com