Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCA3102F10SL-4SWG-D-BSN-1 Datasheet(PDF) 1 Page - DDK Ltd.

Part # DCA3102F10SL-4SWG-D-BSN-1
Description  Reverse Bayonet Coupling Connectors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DCA3102F10SL-4SWG-D-BSN-1 Datasheet(HTML) 1 Page - DDK Ltd.

  DCA3102F10SL-4SWG-D-BSN-1 Datasheet HTML 1Page - DDK Ltd. DCA3102F10SL-4SWG-D-BSN-1 Datasheet HTML 2Page - DDK Ltd. DCA3102F10SL-4SWG-D-BSN-1 Datasheet HTML 3Page - DDK Ltd. DCA3102F10SL-4SWG-D-BSN-1 Datasheet HTML 4Page - DDK Ltd. DCA3102F10SL-4SWG-D-BSN-1 Datasheet HTML 5Page - DDK Ltd. DCA3102F10SL-4SWG-D-BSN-1 Datasheet HTML 6Page - DDK Ltd. DCA3102F10SL-4SWG-D-BSN-1 Datasheet HTML 7Page - DDK Ltd. DCA3102F10SL-4SWG-D-BSN-1 Datasheet HTML 8Page - DDK Ltd. DCA3102F10SL-4SWG-D-BSN-1 Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
DCA series is a bayonet coupling connector which
utilizes MIL-DTL-5015 insert arrangements and is
compatible with VG95234. The inserts are made
of the synthetic rubber and can cope with various
environments required by the industrial applications.
DCA “F” style and “R” style are designed to
prevent dust, oil and water from intruding into the
connectors.
The DCA series is suitable for applications such as
servo motors, machine tools and factory automation equipment.
DCA Series
Reverse Bayonet Coupling Connectors
RoHS
Compliant
RoHS
Compliant
161004
◆ Quick positive bayonet coupling.
◆ Audible, tactile and visual indication of full coupling.
◆ IP67 when mated and used with suitable accessories, grommet or a waterproof backshell.
◆ Contacts available in both crimp and solder terminations,
◆ High shock and vibration capabilities.
◆ Operating temperature range: -55℃ to 125℃ with Neoprene insert.
◆ Intermateable with existing VG95234 connectors.
Item
    Material / Finish
Contact
Copper Alloy / Gold Plating or Silver Plating
Insert
Ethylene Propylene Rubber / Black
Shell
Aluminum Alloy / Zinc Plating ,
   Black Trivalent Chromium Treatment
Contact
Size
AWG
Nominal
Sectional Area
Maximum
Conductor Dia.
#16
#16 - #22
1.25mm2
1.6mm
#12
#12 - #14
3.50mm2
2.5mm
#8
#8 - #10
8.00mm2
4.5mm
#4
#4 - #6
22.00mm2
7.0mm
#0
#0 - #2
50.00mm2
11.0mm
Service Rating
DC
AC(r.m.s)
INST
250V
200V
A
700V
500V
D
1250V
900V
E
1750V
1250V
APPLICABLE CABLE
Rated Current
Rated Voltage
Contact Size
Contact Size Max. Value per
Contact(A)
# 16
φ 1.5
13A
# 12
φ 2.4
23A
#8
φ 3.6
46A
#4
φ 5.7
80A
#0
φ 9.1
150A
OUTLINE
FEATURES
SPECIFICATIONS
MATERIAL / FINISH
Waterproof
IP67
IP55
Lock Type
Bayonet
Conforming
Standard
MIL-DTL-5015
RoHS Compliant


Similar Part No. - DCA3102F10SL-4SWG-D-BSN-1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DCA3102A14S20-29PW-BSN-F DDK-DCA3102A14S20-29PW-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
DCA3102A14S20-29PX-BSN-F DDK-DCA3102A14S20-29PX-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
DCA3102A14S20-29PY-BSN-F DDK-DCA3102A14S20-29PY-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
DCA3102A14S20-29PZ-BSN-F DDK-DCA3102A14S20-29PZ-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
DCA3102A14S20-29SW-BSN-F DDK-DCA3102A14S20-29SW-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
More results

Similar Description - DCA3102F10SL-4SWG-D-BSN-1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DCA3100A14S-29SW-BSN-F DDK-DCA3100A14S-29SW-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
logo
Amphenol Corporation
GTC08F16S-4S AMPHENOL-GTC08F16S-4S Datasheet
1Mb / 95P
   Amphenol GT Series Reverse Bayonet Coupling Connectors
logo
Glenair, Inc.
240-ITSJ GLENAIR-240-ITSJ Datasheet
94Kb / 2P
   Jam Nut Mount with Reverse Bayonet Coupling
240-ITSW GLENAIR-240-ITSW Datasheet
91Kb / 2P
   Rear Panel Mount with Reverse Bayonet Coupling
230-021 GLENAIR-230-021 Datasheet
416Kb / 2P
   Bayonet Coupling Box Mount Receptacle
947-292 GLENAIR-947-292 Datasheet
402Kb / 2P
   Bayonet Coupling Jam Nut Mount
230-020 GLENAIR-230-020 Datasheet
266Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-015 GLENAIR-230-015 Datasheet
287Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
947-292 GLENAIR-947-292_15 Datasheet
295Kb / 2P
   Bayonet Coupling Jam Nut Mount
logo
Amphenol Corporation
31-242 AMPHENOL-31-242 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com