Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCA3106F10SL-3SWG-D-BSN-1 Datasheet(PDF) 10 Page - DDK Ltd.

Part # DCA3106F10SL-3SWG-D-BSN-1
Description  Reverse Bayonet Coupling Connectors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DCA3106F10SL-3SWG-D-BSN-1 Datasheet(HTML) 10 Page - DDK Ltd.

Back Button DCA3106F10SL-3SWG-D-BSN-1 Datasheet HTML 6Page - DDK Ltd. DCA3106F10SL-3SWG-D-BSN-1 Datasheet HTML 7Page - DDK Ltd. DCA3106F10SL-3SWG-D-BSN-1 Datasheet HTML 8Page - DDK Ltd. DCA3106F10SL-3SWG-D-BSN-1 Datasheet HTML 9Page - DDK Ltd. DCA3106F10SL-3SWG-D-BSN-1 Datasheet HTML 10Page - DDK Ltd. DCA3106F10SL-3SWG-D-BSN-1 Datasheet HTML 11Page - DDK Ltd. DCA3106F10SL-3SWG-D-BSN-1 Datasheet HTML 12Page - DDK Ltd. DCA3106F10SL-3SWG-D-BSN-1 Datasheet HTML 13Page - DDK Ltd. DCA3106F10SL-3SWG-D-BSN-1 Datasheet HTML 14Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
http://www.ddknet.co.jp
DCA Series
10
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
○ Cable Receptacle Connector
DCA3101E18 - □□ P □ □ - D
② ③
DCA3101Exxxx-xxP/Sx-x-BSS-X
Cable Receptacle Connector
D
M
K
L max.
Insert Arrangements
(Note.1)
DCA3101Exxxx-xxPx-x-BSS-x
DCA3101Exxxx-xxSx-x-BSS-x
Insert Arrangement List
① Connector Series
3101:Cable Receptacle Connector
② Gasket
E:Less Gasket
③ Shell Size
10SL, 12S, 14S, 16S, 16, 18, 20, 22, 24,
28, 32, 36
④ Insert Arrangement
Refer to page 2 〜 3
⑤ Contact Type
P:Pin contacts
S:Socket contacts
PC : Crimp pin contacts
SC : Crimp socket contacts
⑥ Alternate Insert Position
Omit : Normal position
"W", "X", "Y", "Z" :Refer to page 4
Contact Plating Finish
Omit : Silver Plating
G : Gold Plating
⑧ Finish
D:Trivalent Chromium
Treatment (Black)
○ Cable Receptacle Connector
DCA3101E18- □□ P □□- D - B S S - □
① Connector Series
3101:Cable Receptacle
② Gasket
E:Less Gasket
③ Shell Size
10SL, 12S, 14S, 16S, 16, 18, 20, 22, 24,
28, 32, 36
④ Insert Arrangement
Refer to page 2 〜 3
⑤ Contact Type
P:Pin contacts
S:Socket contacts
PC : Crimp pin contacts
SC : Crimp socket contacts
⑥ Alternate Insert Position
Omit : Normal position
"W", "X", "Y", "Z" :Refer to page 4
Contact Plating Finish
Omit : Silver Plating
G : Gold Plating
⑧ Finish
D:Trivalent Chromium
Treatment (Black)
⑨ Backshell
BSS:Waterproof Straight Backshell
⑩ Applicable Cable Diameter 1 〜 8 : With waterproof cable clamp
DCA3101Exxxx-xxP/Sx-x
Cable Receptacle Connector
K-512551(1/6)
D
M
K
L max.
10SL
Shell
Size
ØA
18.2
ØD
25.4
□S±0.5
20.6
K±0.5
2.8
M
14.4
F±0.2
8.0
Insert
Arrangement
DWG. No.
K-512551
(3/6),(4/6),(5/6)
(Note.1)
L
53.9
12S
21.4
27.8
23.6
3.2
14.4
8.3
52.9
14S
24.6
29.8
25.4
3.2
14.4
11.1
55.4
16S
27.4
32.3
28.6
3.2
14.4
14.2
63.2
16
27.4
32.3
28.6
3.2
19.2
14.2
69.2
18
30.8
34.8
31.7
4
19.2
15.8
71.6
20
34.2
37.8
34.9
19.2
19.1
71.8
22
37.4
41.1
38.1
19.2
19.1
72.8
24
40.9
44.6
41.3
20.8
24.0
78.5
28
46.7
50.9
47.6
20.8
24.0
78.8
32
53.4
57.1
54.0
22.4
32.0
78.9
36
59.6
63.6
60.6
22.4
38.0
75.4
4
4
4
4
4
4
DCA3101Exxxx-xxPx-x-xxx-x
DCA3101Exxxx-xxSx-x-xxx-x
Insert Arrangement List
② ③
⑦ ⑧
Unit:mm
◎ Cable clamp (CE3057- □□ A- □ -D) is available.
Shell
Size
φA
K±0.5
L
M
φD
S±0.5 φ F±0.2
10SL
18.2
2.8
53.9
14.4
25.4
20.6
8.0
12S
21.4
3.2
52.9
14.4
27.8
23.6
8.3
14S
24.6
3.2
55.4
14.4
29.8
25.4
11.1
16S
27.4
3.2
59.7
14.4
32.3
28.6
14.2
16
27.4
4.0
69.2
19.2
32.3
28.6
14.2
18
30.8
4.0
71.6
19.2
34.8
31.7
15.8
20
34.2
4.0
71.8
19.2
37.8
34.9
19.1
22
37.4
4.0
72.8
19.2
41.1
38.1
19.1
24
40.9
4.0
78.5
20.8
44.6
41.3
24.0
28
46.7
4.0
78.8
20.8
50.9
47.6
24.0
32
53.4
4.0
78.9
22.4
57.1
54.0
32.0
36
59.6
4.0
75.4
22.4
63.6
60.6
38.0
Shell
Size
φA
K±0.5
L
M
φD
S±0.5
10SL
18.2
2.8
59.6
14.4
25.4
20.6
12S
21.4
3.2
58.0
14.4
27.8
23.6
14S
24.6
3.2
65.7
14.4
29.8
25.4
16S
27.4
3.2
66.4
14.4
32.3
28.6
16
27.4
4.0
75.9
19.2
32.3
28.6
18
30.8
4.0
76.4
19.2
34.8
31.7
20
34.2
4.0
78.5
19.2
37.8
34.9
22
37.4
4.0
84.1
19.2
41.1
38.1
24
40.9
4.0
91.1
20.8
44.6
41.3
28
46.7
4.0
98.5
20.8
50.9
47.6
32
53.4
4.0
107.8
22.4
57.1
54.0
36
59.6
4.0
109.8
22.4
63.6
60.6


Similar Part No. - DCA3106F10SL-3SWG-D-BSN-1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DCA3106A14S20-29PW-BSN-F DDK-DCA3106A14S20-29PW-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
DCA3106A14S20-29PX-BSN-F DDK-DCA3106A14S20-29PX-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
DCA3106A14S20-29PY-BSN-F DDK-DCA3106A14S20-29PY-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
DCA3106A14S20-29PZ-BSN-F DDK-DCA3106A14S20-29PZ-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
DCA3106A14S20-29SW-BSN-F DDK-DCA3106A14S20-29SW-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
More results

Similar Description - DCA3106F10SL-3SWG-D-BSN-1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DCA3100A14S-29SW-BSN-F DDK-DCA3100A14S-29SW-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
logo
Amphenol Corporation
GTC08F16S-4S AMPHENOL-GTC08F16S-4S Datasheet
1Mb / 95P
   Amphenol GT Series Reverse Bayonet Coupling Connectors
logo
Glenair, Inc.
240-ITSJ GLENAIR-240-ITSJ Datasheet
94Kb / 2P
   Jam Nut Mount with Reverse Bayonet Coupling
240-ITSW GLENAIR-240-ITSW Datasheet
91Kb / 2P
   Rear Panel Mount with Reverse Bayonet Coupling
230-021 GLENAIR-230-021 Datasheet
416Kb / 2P
   Bayonet Coupling Box Mount Receptacle
947-292 GLENAIR-947-292 Datasheet
402Kb / 2P
   Bayonet Coupling Jam Nut Mount
230-020 GLENAIR-230-020 Datasheet
266Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-015 GLENAIR-230-015 Datasheet
287Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
947-292 GLENAIR-947-292_15 Datasheet
295Kb / 2P
   Bayonet Coupling Jam Nut Mount
logo
Amphenol Corporation
31-242 AMPHENOL-31-242 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com