Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCA3102R14S-5PWG-D-BSN-1 Datasheet(PDF) 6 Page - DDK Ltd.

Part # DCA3102R14S-5PWG-D-BSN-1
Description  Reverse Bayonet Coupling Connectors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DCA3102R14S-5PWG-D-BSN-1 Datasheet(HTML) 6 Page - DDK Ltd.

Back Button DCA3102R14S-5PWG-D-BSN-1 Datasheet HTML 2Page - DDK Ltd. DCA3102R14S-5PWG-D-BSN-1 Datasheet HTML 3Page - DDK Ltd. DCA3102R14S-5PWG-D-BSN-1 Datasheet HTML 4Page - DDK Ltd. DCA3102R14S-5PWG-D-BSN-1 Datasheet HTML 5Page - DDK Ltd. DCA3102R14S-5PWG-D-BSN-1 Datasheet HTML 6Page - DDK Ltd. DCA3102R14S-5PWG-D-BSN-1 Datasheet HTML 7Page - DDK Ltd. DCA3102R14S-5PWG-D-BSN-1 Datasheet HTML 8Page - DDK Ltd. DCA3102R14S-5PWG-D-BSN-1 Datasheet HTML 9Page - DDK Ltd. DCA3102R14S-5PWG-D-BSN-1 Datasheet HTML 10Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
http://www.ddknet.co.jp
DCA Series
6
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
① Connector Series
DCA : Reverse Bayonet Style
② Connector Style
3101:Cable connecting receptacle ( in-line receptacle )
3102:Box mounting receptacle
3106:Straight plug
3107:Jam nut receptacle
3108:90 degree angle plug
③ Gasket
E:Environmental with rubber insert
F:Environmental with rubber insert and gasket
R:Environmental with rubber insert and gasket ( 3102 Only )
④ Shell Size
10SL, 12S, 14S, 16S, 16, 18, 20, 22, 24, 28, 32, 36 
⑤ Insert Arrangement
Refer to page 2 〜 3
⑥ Contact Configuration
(style)
P : Pin contacts
S : Socket contacts
PC : Crimp pin contacts
SC : Crimp socket contacts
⑦ Alternate Insert Position
Omit : Normal position
"W", "X", "Y", "Z" : Refer to page 4
⑧ Contact Plating Finish
Omit : Silver Plating
G
: Gold Plating
⑨ Finish
D:Trivalent Chromium Treatment (Black)
⑩ Backshell Style
BSN : With non - waterproof straight backshell
BSS : With waterproof straight backshell
BSL : With waterproof Long straight backshell
⑪ Applicable Cable Diameter   0 : With non - waterproof cable clamp
1 〜 8 : With waterproof cable clamp
○ DCA Part Numbering System
DCA3106F20-29SW -D-BSS-1
⑥ ⑦
⑧ ⑨
Standard Backshell
Ferrule
Grommet
Cable Receptacle Shell Assembly
Waterproof Cable Clamp
Waterproof Long Straight Backshell
Waterproof Straight Backshell
Cable Clamp
Straight Backshell
DCA3101E □□□□ - □□□□ - D
DCA3101E □□□□ - □□□□ -D- BS □ - □
DCA3101E □□□□ - □□□□ -D- BSN - 0
DCA3101E □□□□ - □□□□ -D- □□□ - □
○ Cable Receptacle Connector


Similar Part No. - DCA3102R14S-5PWG-D-BSN-1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DCA3102A14S20-29PW-BSN-F DDK-DCA3102A14S20-29PW-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
DCA3102A14S20-29PX-BSN-F DDK-DCA3102A14S20-29PX-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
DCA3102A14S20-29PY-BSN-F DDK-DCA3102A14S20-29PY-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
DCA3102A14S20-29PZ-BSN-F DDK-DCA3102A14S20-29PZ-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
DCA3102A14S20-29SW-BSN-F DDK-DCA3102A14S20-29SW-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
More results

Similar Description - DCA3102R14S-5PWG-D-BSN-1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DCA3100A14S-29SW-BSN-F DDK-DCA3100A14S-29SW-BSN-F Datasheet
3Mb / 15P
   Reverse Bayonet Coupling Connectors
logo
Amphenol Corporation
GTC08F16S-4S AMPHENOL-GTC08F16S-4S Datasheet
1Mb / 95P
   Amphenol GT Series Reverse Bayonet Coupling Connectors
logo
Glenair, Inc.
240-ITSJ GLENAIR-240-ITSJ Datasheet
94Kb / 2P
   Jam Nut Mount with Reverse Bayonet Coupling
240-ITSW GLENAIR-240-ITSW Datasheet
91Kb / 2P
   Rear Panel Mount with Reverse Bayonet Coupling
230-021 GLENAIR-230-021 Datasheet
416Kb / 2P
   Bayonet Coupling Box Mount Receptacle
947-292 GLENAIR-947-292 Datasheet
402Kb / 2P
   Bayonet Coupling Jam Nut Mount
230-020 GLENAIR-230-020 Datasheet
266Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-015 GLENAIR-230-015 Datasheet
287Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
947-292 GLENAIR-947-292_15 Datasheet
295Kb / 2P
   Bayonet Coupling Jam Nut Mount
logo
Amphenol Corporation
31-242 AMPHENOL-31-242 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com