Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE39440-12 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39440-12
Description  SMA Male to SMA Female Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FLJ Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39440-12 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39440-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39440-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39440-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39440-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Mechanical Specifications
Cable Assembly
Cable Type
PE-SR402FLJ
Temperature
Temperature Operating Range, deg C
-55 to +125
Size
Length, in [mm]
12 [304.8]
Diameter, in [mm]
0.161 [4.09]
.
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
0.75 [19.05]
Repeated Minimum Bend Radius, in [mm]
1.575 [40.01]
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper, Silver
NoofShields
1
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.161 [4.09]
Connector 1
Type
SMA Male
Configuration
Straight
Connector 2
Type
SMA Female
Configuration
Straight
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE39440-12 REV
PE39440-12
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: SMA Male to SMA Female Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FLJ
Coax, RoHS PE39440-12
SMA Male to SMA Female Semi-Flexible Precision Cable
12 Inch Length Using PE-SR402FLJ Coax, RoHS


Similar Part No. - PE39440-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39440-18 PASTERNACK-PE39440-18 Datasheet
340Kb / 4P
   SMA Male to SMA Female Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FLJ Coax, RoHS
More results

Similar Description - PE39440-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39441-12 PASTERNACK-PE39441-12 Datasheet
372Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39440-6 PASTERNACK-PE39440-6 Datasheet
340Kb / 4P
   SMA Male to SMA Female Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39440-9 PASTERNACK-PE39440-9 Datasheet
339Kb / 4P
   SMA Male to SMA Female Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39440-24 PASTERNACK-PE39440-24 Datasheet
340Kb / 4P
   SMA Male to SMA Female Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39440 PASTERNACK-PE39440 Datasheet
336Kb / 3P
   SMA Male to SMA Female Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
PE39440-18 PASTERNACK-PE39440-18 Datasheet
340Kb / 4P
   SMA Male to SMA Female Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39441-6 PASTERNACK-PE39441-6 Datasheet
373Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39441-9 PASTERNACK-PE39441-9 Datasheet
372Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39441-24 PASTERNACK-PE39441-24 Datasheet
372Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39437 PASTERNACK-PE39437 Datasheet
335Kb / 3P
   SMA Male to SMA Male Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com