Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE39440-9 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE39440-9
Description  SMA Male to SMA Female Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FLJ Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39440-9 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE39440-9 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39440-9 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39440-9 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39440-9 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Plotted and Other Data
Notes:
Valuesat25°C,sealevel
SMA Male to SMA Female Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FLJ Coax, RoHS from Pasternack
EnterpriseshassamedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberopticproducts
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: SMA Male to SMA Female Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FLJ
Coax, RoHS PE39440-9
URL:
http://www.pasternack.com/sma-male-sma-female-pe-sr402flj-cable-assembly-pe39440-9-p.aspx
PE39440-9 REV
PE39440-9
SMA Male to SMA Female Semi-Flexible Precision Cable
9 Inch Length Using PE-SR402FLJ Coax, RoHS


Similar Part No. - PE39440-9

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39440-12 PASTERNACK-PE39440-12 Datasheet
340Kb / 4P
   SMA Male to SMA Female Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39440-18 PASTERNACK-PE39440-18 Datasheet
340Kb / 4P
   SMA Male to SMA Female Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39440-24 PASTERNACK-PE39440-24 Datasheet
340Kb / 4P
   SMA Male to SMA Female Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39440-6 PASTERNACK-PE39440-6 Datasheet
340Kb / 4P
   SMA Male to SMA Female Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FLJ Coax, RoHS
More results

Similar Description - PE39440-9

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39441-9 PASTERNACK-PE39441-9 Datasheet
372Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39440-6 PASTERNACK-PE39440-6 Datasheet
340Kb / 4P
   SMA Male to SMA Female Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39440-12 PASTERNACK-PE39440-12 Datasheet
340Kb / 4P
   SMA Male to SMA Female Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39440-24 PASTERNACK-PE39440-24 Datasheet
340Kb / 4P
   SMA Male to SMA Female Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39440 PASTERNACK-PE39440 Datasheet
336Kb / 3P
   SMA Male to SMA Female Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
PE39440-18 PASTERNACK-PE39440-18 Datasheet
340Kb / 4P
   SMA Male to SMA Female Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39439-9 PASTERNACK-PE39439-9 Datasheet
341Kb / 4P
   SMA Male to SMA Male Right Angle Semi-Flexible Precision Cable 9 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39441-6 PASTERNACK-PE39441-6 Datasheet
373Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39441-12 PASTERNACK-PE39441-12 Datasheet
372Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39441-24 PASTERNACK-PE39441-24 Datasheet
372Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR402FLJ Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com