Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE39437-12 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39437-12
Description  SMA Male to SMA Male Semi-Flexible Cable 12 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39437-12 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39437-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39437-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39437-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39437-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
2
4.5
9
18
GHz
Insertion Loss (Typ.)
0.32
0.36
0.46
0.59
0.8
dB
.
Electrical Specification Notes:
Insertion loss does not include the loss of the connectors.
Insertion loss is estimated as 0.05 x sqrt(fGHz) dB per connector.
Mechanical Specifications
Cable Assembly
Length*
12 in [304.8 mm]
.
Weight
0.034 lbs [15.42 g]
Cable
Cable Type
PE-SR402FLJ
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Outer Conductor Material and Plating
Tinned Copper Braid
Outer Conductor Diameter
0.141 in [3.58 mm]
Jacket Material
FEP, Black
Jacket Diameter
0.161 in [4.09 mm]
.
Repeated Minimum Bend Radius
0.75 in [19.05 mm]
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SMA Male
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Brass, Gold
Dielectric Type
PTFE
PTFE
Body Material and Plating
Brass, Gold
Brass, Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Hex Size
5/16 inch
5/16 inch
Torque
8 in-lbs [0.9 Nm]
8 in-lbs [0.9 Nm]
.
PE39437-12 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Semi-Flexible Cable 12 Inch Length Using PE-SR402FLJ Coax with
HeatShrink, LF Solder, RoHS PE39437-12
RF Cable Assemblies Technical Data Sheet
PE39437-12
SMA Male to SMA Male Semi-Flexible Cable 12 Inch Length
Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS


Similar Part No. - PE39437-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39437-18 PASTERNACK-PE39437-18 Datasheet
387Kb / 4P
   SMA Male to SMA Male Semi-Flexible Cable 18 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
More results

Similar Description - PE39437-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39437-18 PASTERNACK-PE39437-18 Datasheet
387Kb / 4P
   SMA Male to SMA Male Semi-Flexible Cable 18 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39437-6 PASTERNACK-PE39437-6 Datasheet
387Kb / 4P
   SMA Male to SMA Male Semi-Flexible Cable 6 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39437-24 PASTERNACK-PE39437-24 Datasheet
386Kb / 4P
   SMA Male to SMA Male Semi-Flexible Cable 24 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39437-9 PASTERNACK-PE39437-9 Datasheet
386Kb / 4P
   SMA Male to SMA Male Semi-Flexible Cable 9 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39423-12 PASTERNACK-PE39423-12 Datasheet
382Kb / 4P
   SMA Male to SMA Male Semi-Flexible Cable 12 Inch Length Using PE-SR402FL Coax, LF Solder, RoHS
PE39415-12 PASTERNACK-PE39415-12 Datasheet
371Kb / 4P
   SMA Male to SMA Male Semi-Flexible Cable 12 Inch Length Using PE-SR405FL Coax, LF Solder, RoHS
PE39437 PASTERNACK-PE39437_16 Datasheet
386Kb / 4P
   SMA Male to SMA Male Semi-Flexible Cable Using PESR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39423-18 PASTERNACK-PE39423-18 Datasheet
382Kb / 4P
   SMA Male to SMA Male Semi-Flexible Cable 18 Inch Length Using PE-SR402FL Coax, LF Solder, RoHS
PE39415-24 PASTERNACK-PE39415-24 Datasheet
371Kb / 4P
   SMA Male to SMA Male Semi-Flexible Cable 24 Inch Length Using PE-SR405FL Coax, LF Solder, RoHS
PE39423-9 PASTERNACK-PE39423-9 Datasheet
382Kb / 4P
   SMA Male to SMA Male Semi-Flexible Cable 9 Inch Length Using PE-SR402FL Coax, LF Solder, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com