Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OED-ST5093C30 Datasheet(PDF) 1 Page - LUMEX INC.

Part # OED-ST5093C30
Description  Photo TRansistor, Water Clear Lens
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

OED-ST5093C30 Datasheet(HTML) 1 Page - LUMEX INC.

  OED-ST5093C30 Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - OED-ST5093C30

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
OED-ST-15-TR LUMEX-OED-ST-15-TR Datasheet
55Kb / 1P
   SOT-23 PhotoRansistor Water CLear Lens
OED-ST-1556SN LUMEX-OED-ST-1556SN Datasheet
410Kb / 1P
   4.5(L)*5.7(W)*2.25(H)mm, T-1.5mm RIGHT ANGLE DOME LENS, PHOTO TRANSISTOR, WATER CLEAR LENS.
OED-ST-23-TR LUMEX-OED-ST-23-TR Datasheet
102Kb / 1P
   2mm X 3mm Surface Mount Photo Transistor
OED-ST-392T LUMEX-OED-ST-392T Datasheet
420Kb / 1P
   4.8(L)*2.8(W)*21.5(H)mm PHOTO TRANSISTOR, BLACK LENS.
OED-ST-44F LUMEX-OED-ST-44F Datasheet
113Kb / 1P
   Ceramic Chip, Surface Mount PhotoTransisotr
More results

Similar Description - OED-ST5093C30

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
OED-ST-8LR2 LUMEX-OED-ST-8LR2 Datasheet
125Kb / 2P
   3mm Photo Transistor Water clear Lens
logo
Marl International Limi...
208-501-21-38 MARL-208-501-21-38_15 Datasheet
271Kb / 5P
   Water clear lens
235-038-9307 MARL-235-038-9307_15 Datasheet
254Kb / 4P
   Water clear lens
236-038-9307 MARL-236-038-9307_15 Datasheet
265Kb / 4P
   Water clear lens
202-301-23-3811 MARL-202-301-23-3811_15 Datasheet
279Kb / 5P
   Water clear lens
238-501-98 MARL-238-501-98_15 Datasheet
206Kb / 4P
   Water clear lens
206-501-21-38 MARL-206-501-21-38_15 Datasheet
320Kb / 5P
   Water clear lens
205-501-21-38 MARL-205-501-21-38_15 Datasheet
274Kb / 5P
   Water clear lens
212-501-21-38 MARL-212-501-21-38_15 Datasheet
265Kb / 5P
   Water clear lens
610-301-21 MARL-610-301-21_15 Datasheet
402Kb / 4P
   Water clear lens
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com