Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-7140 Datasheet(PDF) 2 Page - Soberton Inc.

Part # SP-7140
Description  Dynamic Speaker
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOBERTON [Soberton Inc.]
Direct Link  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

SP-7140 Datasheet(HTML) 2 Page - Soberton Inc.

  SP-7140 Datasheet HTML 1Page - Soberton Inc. SP-7140 Datasheet HTML 2Page - Soberton Inc. SP-7140 Datasheet HTML 3Page - Soberton Inc. SP-7140 Datasheet HTML 4Page - Soberton Inc. SP-7140 Datasheet HTML 5Page - Soberton Inc. SP-7140 Datasheet HTML 6Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: SP-7140
PRODUCT: Dynamic Speaker
EDITION: C/2017
RELIABILITY TESTS
After these tests , the change of S.P.L will be within ±3dB
HIGH TEMPERATURE TEST
high temperature
+70oC±3oC
duration
96 hours (leave 6 hours in normal temperature and then check)
LOW TEMPERATURE TEST
low temperature
-30oC±3oC
duration
96 hours (leave 6 hours in normal temperature and then check)
HUMIDITY TEST
temperature
+30oC±3oC
relative humidity
92%~95%
duration
96 hours (leave 3 hours in normal temperature and then check)
VIBRATION
10Hz ~55Hz ~10Hz sine-wave sweep 15 minutes 5G(constant)
X, Y, Z
3 directions, 2 hours each, total 6 hours
TEMP./HUMIDITY CYCLE
The part will be subjected to 5 cycles. One cycle shall be 6 hours and consist of:
DROP TEST
Drop speakers contained in normal box on to the board 40mm thick 10 times from the height of 75cm
LOAD TEST
Rated Power Pink noise is applied for 24 hours at room temp.
LEAD WIRE PULL STRENGTH
The pull force will be applied to double lead wire:
Horizontal 3.0N (0.306kg) for 30 seconds
Vertical 2.0N (0.204kg) for 30 seconds
PAGE 2/6


Similar Part No. - SP-7140

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
SP-7140-1 SOBERTON-SP-7140-1 Datasheet
561Kb / 6P
   Dynamic Speaker
SP-7140-2 SOBERTON-SP-7140-2 Datasheet
515Kb / 6P
   Dynamic Speaker
More results

Similar Description - SP-7140

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
SP-1704 SOBERTON-SP-1704 Datasheet
284Kb / 5P
   Dynamic Speaker
SP-1810 SOBERTON-SP-1810 Datasheet
291Kb / 5P
   Dynamic Speaker
SP-7140-1 SOBERTON-SP-7140-1 Datasheet
561Kb / 6P
   Dynamic Speaker
SP-1504 SOBERTON-SP-1504 Datasheet
374Kb / 5P
   Dynamic Speaker
SP-1511S-4 SOBERTON-SP-1511S-4 Datasheet
346Kb / 5P
   Dynamic Speaker
SP-2805 SOBERTON-SP-2805 Datasheet
293Kb / 5P
   Dynamic Speaker
SP-1605 SOBERTON-SP-1605 Datasheet
215Kb / 5P
   Dynamic Speaker
SP-7140-2 SOBERTON-SP-7140-2 Datasheet
515Kb / 6P
   Dynamic Speaker
SP-6619 SOBERTON-SP-6619 Datasheet
432Kb / 6P
   Dynamic Speaker
SP-2605 SOBERTON-SP-2605 Datasheet
429Kb / 5P
   Dynamic Speaker
SP-1813S SOBERTON-SP-1813S_16 Datasheet
400Kb / 5P
   Dynamic Speaker
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com