Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSA-LXB20G14Y3I3W Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSA-LXB20G14Y3I3W
Description  2mm X 5mm, 20 SEGMENT RECTANGULAR BAR GRAPH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSA-LXB20G14Y3I3W Datasheet(HTML) 1 Page - LUMEX INC.

  SSA-LXB20G14Y3I3W Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SSA-LXB20G14Y3I3W

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSA-LXB20G10I10W LUMEX-SSA-LXB20G10I10W Datasheet
82Kb / 1P
   2mm X 5mm, 20 SEGMENT RECTANGULAR BAR GRAPH
More results

Similar Description - SSA-LXB20G14Y3I3W

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSA-LXB20SIW LUMEX-SSA-LXB20SIW Datasheet
78Kb / 1P
   2mm X 5mm, 20 SEGMENT RECTANGULAR BAR GRAPH
SSA-LXB20SRW LUMEX-SSA-LXB20SRW Datasheet
78Kb / 1P
   2mm X 5mm, 20 SEGMENT RECTANGULAR BAR GRAPH
SSA-LXB20G10I10W LUMEX-SSA-LXB20G10I10W Datasheet
82Kb / 1P
   2mm X 5mm, 20 SEGMENT RECTANGULAR BAR GRAPH
SSA-LXB10GW-GF-LP LUMEX-SSA-LXB10GW-GF-LP Datasheet
85Kb / 1P
   10 Segment Rectangular Bar Graph
SSA-LXB10I1Y6G3W LUMEX-SSA-LXB10I1Y6G3W Datasheet
61Kb / 1P
   10 Segment Rectangular Bar Graph
SSA-LXB10SRW-GF LUMEX-SSA-LXB10SRW-GF Datasheet
83Kb / 1P
   10 SEGMENT RECTANGULAR BAR GRAPH
SSA-LXB10USBW LUMEX-SSA-LXB10USBW Datasheet
79Kb / 1P
   10 SEGMENT RECTANGULAR BAR GRAPH
SSA-LXB10HW-GF LUMEX-SSA-LXB10HW-GF Datasheet
58Kb / 1P
   10 Segment Rectangular Bar Graph
logo
P-tec Corporation
PB66-BGA5G13 P-TEC-PB66-BGA5G13 Datasheet
30Kb / 1P
   Segment Rectangular Bar Graph Array
PB66-BGA5O12 P-TEC-PB66-BGA5O12 Datasheet
30Kb / 1P
   Segment Rectangular Bar Graph Array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com