Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1012IS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1012IS8
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012IS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1012IS8 Datasheet HTML 1Page - Linear Technology LT1012IS8 Datasheet HTML 2Page - Linear Technology LT1012IS8 Datasheet HTML 3Page - Linear Technology LT1012IS8 Datasheet HTML 4Page - Linear Technology LT1012IS8 Datasheet HTML 5Page - Linear Technology LT1012IS8 Datasheet HTML 6Page - Linear Technology LT1012IS8 Datasheet HTML 7Page - Linear Technology LT1012IS8 Datasheet HTML 8Page - Linear Technology LT1012IS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1012A/LT1012
sn1012 1012afbs
VS = ± 15V, VCM = 0V, TA = 25°C, unless otherwise noted.
LT1012D
LT1012S8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
12
60
15
120
µV
(Note 3)
25
25
180
µV
Long Term Input Offset
0.3
0.4
µV/month
Voltage Stability
lOS
Input Offset Current
20
150
50
280
pA
(Note 3)
30
60
380
pA
IB
Input Bias Current
±30
±150
±80
±300
pA
(Note 3)
±40
±120
±400
pA
en
Input Noise Voltage
0.1Hz to 10Hz
0.5
0.5
µVP-P
en
Input Noise Voltage Density
fO = 10Hz (Note 5)
17
30
17
30
nV
√Hz
fO = 1000Hz (Note 5)
14
22
14
22
nV
√Hz
in
lnput Noise Current Density
fO = 10Hz
20
20
fA/
√Hz
AVOL
Large-Signal Voltage Gain
VOUT = ±12V,RL ≥ 10kΩ
200
2000
200
2000
V/mV
VOUT = ±10V,RL ≥ 2kΩ
200
1000
120
1000
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
110
132
110
132
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.2V to ± 20V
110
132
110
132
dB
Input Voltage Range
±13.5
±14.0
±13.5
±14.0
V
VOUT
Output Voltage Swing
RL = 10kΩ±13
±14
±13
±14
V
Slew Rate
0.1
0.2
0.1
0.2
V/
µs
IS
Supply Current
(Note 3)
380
600
380
600
µA
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1012IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1012 LINER-LT1012 Datasheet
871Kb / 12P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
LT1012 LINER-LT1012 Datasheet
182Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
LT1012 LINER-LT1012 Datasheet
345Kb / 20P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1012 LINER-LT1012 Datasheet
558Kb / 24P
   Dual Serial 18-Bit SoftSpan IOUT DACs
LT1012A LINER-LT1012A Datasheet
871Kb / 12P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
More results

Similar Description - LT1012IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1012A LINER-LT1012A Datasheet
871Kb / 12P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
LT1008 LINER-LT1008_1 Datasheet
275Kb / 16P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT012S8 LINER-LT012S8 Datasheet
164Kb / 3P
   Picoamp Input Current,Microvolt Offset,Low Noise Op Amp
LT1012 LINER-LT1012_15 Datasheet
345Kb / 20P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1008 LINER-LT1008 Datasheet
946Kb / 12P
   Picoamp Input Current,Microvolt Offset,Low Noise Op Amp?
LT1008 LINER-LT1008_15 Datasheet
281Kb / 16P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1012A LINER-LT1012A_15 Datasheet
345Kb / 20P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1024 LINER-LT1024_15 Datasheet
180Kb / 12P
   Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
LT1024 LINER-LT1024_1 Datasheet
174Kb / 12P
   Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
LT1024 LINER-LT1024 Datasheet
719Kb / 8P
   Dual,Matched Picoampere, Microvolt Input,Low Noise Op Amp?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com