Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE5011-3 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE5011-3
Description  Torque Wrenches Technical Data Sheet
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5011-3 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE5011-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5011-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE5011-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Designed for continual use
• “Clicks” once preset torque value is achieved
• Designed to avoid over torque
Applications
• Lab environments
• Production cable attachment
• Field install and testing
• Applying accurate torque
• Avoiding over torque
.
Description
PE5011-3 click type torque wrench, designed for 7mm and type N connectors, has a 3/4 bit with a preset value of 14 in-lbs.
Pasternack’s PE5011-XX click type torque wrenches allow accurate mating force when assembling and disassembling a
variety of RF coaxial connectors. The unique feature of click type RF wrenches is that once the preset torque value is reached,
they will “click” which can be heard and felt, followed by a slight bend at the head, alerting to the user to stop applying torque
on the connector. Pasternack’s click type 7mm and type N torque wrenches are in-stock and also available for a wide variety
of other RF connectors, all of which ship the same day. These RF torque wrenches are calibrated at time of manufacture in
compliance with ANSI/NCSL Z540 or other internationally recognized standard.
Configuration
Torque Type
Preset
Design Type
Click Type
Hex Size
3/4 inch
Torque Setting
14 in-lbs [1.58 Nm]
Torque Accuracy Percentage
±4 %
Size
Length
7.35 in [186.69 mm]
Handle Diameter
0.77 in [19.56 mm]
.
Weight
0.369 lbs [167.38 g]
Handle Color
Blue
Compliance Certifications (see product page for current document)
Notes:
• Do not use on damaged connectors.
The torque wrench is verified at the factory and cannot be calibrated by the user. We cannot re-calibrate the unit.
• To improve performance of wrench that hasn’t been used recently, actuate the wrench by clicking the wrench head
back and forth several times before use. This will spread the lubricant through the internal mechanism.
• Click type tools required smooth, consisten clicking action. Each torquing action should be completed within 2 sec-
onds.
• Slower or faster torquing action will detract from accuracy.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Preset Click Type Torque Wrench With 3/4 Bit For 7mm, N Connectors Preset to 14 in-lbs
PE5011-3
PE5011-3 REV 1.1
Preset Click Type Torque Wrench With 3/4 Bit For
7mm, N Connectors Preset to 14 in-lbs
Torque Wrenches Technical Data Sheet
PE5011-3


Similar Part No. - PE5011-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5011-1 PASTERNACK-PE5011-1 Datasheet
220Kb / 1P
   PRESET TORQUE WRENCH USE FOR SMA, 2,9mm AND 3,5mm 8 IN LBS HEX SIZE 5/16
PE5011-2 PASTERNACK-PE5011-2 Datasheet
317Kb / 3P
   Torque Wrenches Technical Data Sheet
PE5011-4 PASTERNACK-PE5011-4 Datasheet
73Kb / 1P
   PRESET TORQUE WRENCH USE FIR TNC(HEX NUT), 14 IN LBS, HEX SIZ 5/8
PE5011-5 PASTERNACK-PE5011-5 Datasheet
217Kb / 1P
   PRESET TORQUE WRENCH USE FOR SSMA, 8 IN, LBS HEX SIZE 1/4
PE5011-6 PASTERNACK-PE5011-6 Datasheet
346Kb / 3P
   Torque Wrenches Technical Data Sheet
More results

Similar Description - PE5011-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5019-1A PASTERNACK-PE5019-1A Datasheet
367Kb / 3P
   Torque Wrenches Technical Data Sheet
PE5011-8 PASTERNACK-PE5011-8 Datasheet
349Kb / 3P
   Torque Wrenches Technical Data Sheet
PE5019-19A PASTERNACK-PE5019-19A Datasheet
367Kb / 3P
   Torque Wrenches Technical Data Sheet
PE5011-2 PASTERNACK-PE5011-2 Datasheet
317Kb / 3P
   Torque Wrenches Technical Data Sheet
PE5011-6 PASTERNACK-PE5011-6 Datasheet
346Kb / 3P
   Torque Wrenches Technical Data Sheet
PE5019-18 PASTERNACK-PE5019-18 Datasheet
513Kb / 3P
   Torque Wrenches Technical Data Sheet
logo
Glenair, Inc.
600-004 GLENAIR-600-004 Datasheet
210Kb / 1P
   Torque Wrenches
logo
TE Connectivity Ltd
408-8640 TEC-408-8640 Datasheet
259Kb / 2P
   Mini Torque Wrenches
408-8676 TEC-408-8676 Datasheet
187Kb / 2P
   Production Torque Wrenches
logo
Glenair, Inc.
600-076 GLENAIR-600-076 Datasheet
217Kb / 1P
   Hand Held Torque Wrenches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com