Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3075EEN Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP3075EEN
Description  15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3075EEN Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP3075EEN Datasheet HTML 6Page - Sipex Corporation SP3075EEN Datasheet HTML 7Page - Sipex Corporation SP3075EEN Datasheet HTML 8Page - Sipex Corporation SP3075EEN Datasheet HTML 9Page - Sipex Corporation SP3075EEN Datasheet HTML 10Page - Sipex Corporation SP3075EEN Datasheet HTML 11Page - Sipex Corporation SP3075EEN Datasheet HTML 12Page - Sipex Corporation SP3075EEN Datasheet HTML 13Page - Sipex Corporation SP3075EEN Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Date: 03/28/05
SP3070E - SP3078E Family, ±15kV ESD-Protected, Failsafe RS-485/RS422 Transceivers
© Copyright 2005 Sipex Corporation
10
FIGURE 6. RECEIVER PROPAGATION DELAY TEST CIRCUIT & TIMING DIAGRAM
FIGURE 5. DRIVER ENABLE & DISABLE TIMES TEST CIRCUIT & TIMING DIAGRAM
DE
VOL
tLZ
0.25V
VCC OUT
VCC
VOM = (VOL+ VCC)/2
tZL, tZL(SHDN
VCC /2
0
OUT
R
A
B
VID
RE
CL
15pF
tPHL
tPLH
VOL
1.5V
OUT
VOH
A
B
+1V
-1V
GENERATOR
50Ω
S1
RL = 500Ω
OUT
CL = 50pF
D
0 or VCC
Z
Y
DI
VCC


Similar Part No. - SP3075EEN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3075EEN-L EXAR-SP3075EEN-L Datasheet
731Kb / 20P
   짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3075EEN-L/TR EXAR-SP3075EEN-L/TR Datasheet
731Kb / 20P
   짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
More results

Similar Description - SP3075EEN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3070E EXAR-SP3070E Datasheet
731Kb / 20P
   짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
logo
Intersil Corporation
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Sipex Corporation
SP3070-3078E SIPEX-SP3070-3078E_08 Datasheet
198Kb / 19P
   짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
logo
Intersil Corporation
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
948Kb / 26P
   3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
logo
Maxim Integrated Produc...
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
logo
Exar Corporation
SP3495E EXAR-SP3495E Datasheet
485Kb / 17P
   HIGH SPEED 3.3V RS-485/RS-422 TRANSCEIVERS WITH /-15KV ESD PROTECTION AND ADVANCED FAILSAFE
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com