Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU9014 Datasheet(PDF) 4 Page - International Rectifier

Part # IRFU9014
Description  HEXFET Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU9014 Datasheet(HTML) 4 Page - International Rectifier

  IRFU9014 Datasheet HTML 1Page - International Rectifier IRFU9014 Datasheet HTML 2Page - International Rectifier IRFU9014 Datasheet HTML 3Page - International Rectifier IRFU9014 Datasheet HTML 4Page - International Rectifier IRFU9014 Datasheet HTML 5Page - International Rectifier IRFU9014 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - IRFU9014

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU9014 IRF-IRFU9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-5.1A)
logo
Samsung semiconductor
IRFU9014 SAMSUNG-IRFU9014 Datasheet
306Kb / 5P
   P-CHANNEL POWER MOSFETS
logo
Vishay Siliconix
IRFU9014 VISHAY-IRFU9014 Datasheet
1Mb / 8P
   Power MOSFET
S-81394-Rev. A, 21-Jul-08
logo
Kersemi Electronic Co.,...
IRFU9014 KERSEMI-IRFU9014 Datasheet
4Mb / 7P
   Power MOSFET
logo
Inchange Semiconductor ...
IRFU9014 ISC-IRFU9014 Datasheet
345Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - IRFU9014

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com