Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2114 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2114
Description  Integrated Circuit MOS, Static 4K RAM, 300ns
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2114 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2114 Datasheet HTML 1Page - NTE Electronics NTE2114 Datasheet HTML 2Page - NTE Electronics NTE2114 Datasheet HTML 3Page - NTE Electronics NTE2114 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC Electrical Characteristics: (TA = 0° to +70°, VCC = 5V ±5% unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Max
Units
Logical “1” Input Voltage
VIH
2.0
VCC
V
Logical “0” Input Voltage
VIL
–0.5
0.8
V
Logical “1” Output Voltage
VOH
IOH = –1.0mA
2.4
V
Logical “0” Output Voltage
VOL
IOL = 2.1mA
0.4
V
Input Load Current
ILI
VIN = 0 to 5.25V
–10
10
µA
Output Leakage Current
ILO
VO = 4V to 0.4V, CS = VIH
–10
10
µA
Power Supply Current
ICC1
All Inputs = 5.25V, TA = 25°C
95
mA
Power Supply Current
ICC2
All Inputs = 5.25V, TA = 0°C
100
mA
AC Electrical Characteristics: (TA = 0°C to +70°C, VCC = 5V ±5%, Note 2 unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Max
Units
READ CYCLE
Read Cycle Time (WE = VIH)
tRC
300
ns
Access Time
tA
300
ns
Chip Select to Output Valid
tCO
100
ns
Chip Select to Output Active
tCX
20
ns
Chip Select to Output TRI–STATE
tCOT
0
80
ns
Output Hold from Address Change
tOHA
10
ns
WRITE CYCLE
Write Cycle Time
tWC
300
ns
Write Pulse Width
tWP
150
ns
Write Recovery Time
tWR
0
ns
Data Set–Up Time
tDS
150
ns
Data Hold Time
tDH
0
ns
Write Enable to Output TRI–STATE
tWOT
0
80
ns
Write Enable to Output Valid
tWO
100
ns
Capacitance: (TA = +25°C, f = 1 MHZ, Note 3 unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Max
Units
Input Capacitance
CIN
All Inputs VIN = 0V
5
pF
Output Capacitance
COUT
VO = 0V
10
pF
Note 1: Typical values at TA = +25°C.
Note 2: All input transitions
≤ 10ns.Timing referenced to VIL(MAX) or VIH(MIN) for inputs,
0.8V and 2V for output. For test purposes, input levels should swing between
0V and 3V. Output load = 1 TTL gate and CL = 100 pF.
Note 3: This parameter is guaranteed by periodic testing.


Similar Part No. - NTE2114

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2114 NTE-NTE2114 Datasheet
165Kb / 1P
   MICROPROCESSOR & MEMORY CIRCUITS
More results

Similar Description - NTE2114

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2532 NTE-NTE2532 Datasheet
35Kb / 4P
   Integrated Circuit NMOS, 32K EPROM, 300ns
logo
Cypress Semiconductor
CY7C147 CYPRESS-CY7C147 Datasheet
384Kb / 7P
   4K x 1 STATIC RAM
logo
NTE Electronics
NTE6508 NTE-NTE6508 Datasheet
37Kb / 4P
   Integrated Circuit CMOS, 1K Static RAM (SRAM)
NTE2102 NTE-NTE2102 Datasheet
28Kb / 3P
   Integrated Circuit NMOS, 1K Static RAM (SRAM), 350ns
logo
NEC
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
logo
Motorola, Inc
MCM62963A MOTOROLA-MCM62963A Datasheet
327Kb / 5P
   4K x 10 Bit Synchronous Static RAM
MCM62973A MOTOROLA-MCM62973A Datasheet
413Kb / 5P
   4K x 12 Bit Synchronous Static RAM
logo
Cypress Semiconductor
CY7C138 CYPRESS-CY7C138 Datasheet
300Kb / 15P
   4K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com