Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFPS38N60L Datasheet(PDF) 2 Page - International Rectifier

Part # IRFPS38N60L
Description  SMPS MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFPS38N60L Datasheet(HTML) 2 Page - International Rectifier

  IRFPS38N60L Datasheet HTML 1Page - International Rectifier IRFPS38N60L Datasheet HTML 2Page - International Rectifier IRFPS38N60L Datasheet HTML 3Page - International Rectifier IRFPS38N60L Datasheet HTML 4Page - International Rectifier IRFPS38N60L Datasheet HTML 5Page - International Rectifier IRFPS38N60L Datasheet HTML 6Page - International Rectifier IRFPS38N60L Datasheet HTML 7Page - International Rectifier IRFPS38N60L Datasheet HTML 8Page - International Rectifier IRFPS38N60L Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFPS38N60L
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See Fig. 11)
‚ Starting T
J = 25°C, L = 0.91mH, RG = 25Ω,
IAS = 38A, dv/dt = 13V/ns. (See Figure 12a)
ƒ I
SD ≤ 38A, di/dt ≤ 630A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… C
oss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff.(ER) is a fixed capacitance that stores the same energy
as Coss while VDS is rising from 0 to 80% VDSS.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
600
–––
–––
V
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.41
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
120
150
m
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
50
µA
–––
–––
2.0
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
1.2
–––
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
20
–––
–––
S
Qg
Total Gate Charge
–––
–––
320
Qgs
Gate-to-Source Charge
–––
–––
85
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
160
td(on)
Turn-On Delay Time
–––
44
–––
tr
Rise Time
–––
130
–––
ns
td(off)
Turn-Off Delay Time
–––
92
–––
tf
Fall Time
–––
69
–––
Ciss
Input Capacitance
–––
7990
–––
Coss
Output Capacitance
–––
740
–––
Crss
Reverse Transfer Capacitance
–––
72
–––
pF
Coss eff.
Effective Output Capacitance
–––
350
–––
Coss eff. (ER)
Effective Output Capacitance
–––
260
–––
(Energy Related)
Avalanche Characteristics
Symbol
Parameter
Typ.
Units
EAS
Single Pulse Avalanche Energy
d
–––
mJ
IAR
Avalanche Current
Ù
–––
A
EAR
Repetitive Avalanche Energy
™
–––
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Units
RθJC
Junction-to-Case
–––
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
°C/W
RθJA
Junction-to-Ambient
–––
VDS = VGS, ID = 250µA
VDS = 600V, VGS = 0V
VDS = 480V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 23A
f
VGS = 30V
f = 1MHz, open drain
Conditions
VDS = 50V, ID = 23A
VGS = -30V
ID = 38A
VDS = 480V
VGS = 10V, See Fig. 7 & 15
f
VDD = 300V
ID = 38A
RG = 4.3Ω
VGS = 10V, See Fig. 11a & 11b
f
VGS = 0V
VDS = 25V
ƒ = 1.0MHz, See Fig. 5
38
54
Max.
680
VGS = 0V,VDS = 0V to 480V
g
40
Max.
0.22
–––


Similar Part No. - IRFPS38N60L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFPS38N60L VISHAY-IRFPS38N60L Datasheet
190Kb / 9P
   Power MOSFET
Rev. B, 07-Feb-11
logo
International Rectifier
IRFPS38N60LPBF IRF-IRFPS38N60LPBF Datasheet
200Kb / 9P
   HEXFET Power MOSFET
More results

Similar Description - IRFPS38N60L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com