Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5001S8 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X5001S8
Description  CPU Supervisor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5001S8 Datasheet(HTML) 5 Page - Xicor Inc.

  X5001S8 Datasheet HTML 1Page - Xicor Inc. X5001S8 Datasheet HTML 2Page - Xicor Inc. X5001S8 Datasheet HTML 3Page - Xicor Inc. X5001S8 Datasheet HTML 4Page - Xicor Inc. X5001S8 Datasheet HTML 5Page - Xicor Inc. X5001S8 Datasheet HTML 6Page - Xicor Inc. X5001S8 Datasheet HTML 7Page - Xicor Inc. X5001S8 Datasheet HTML 8Page - Xicor Inc. X5001S8 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
X5001
5
Figure 5. Vtrip Programming Sequence
Vtrip Programming
Apply 5V to Vcc
Decrement Vcc
RESET pin
goes active?
Measured Vtrip
-
Desired Vtrip
DONE
Execute
Sequence
Reset Vtrip
Set Vcc = Vcc applied =
Desired Vtrip
Execute
Sequence
Set Vtrip
New Vcc applied =
Old Vcc applied
+ Error
(Vcc = Vcc - 50mV)
Execute
Sequence
Reset Vtrip
New Vcc applied =
Old Vcc applied
- Error
Error < 0
Error = 0
YES
NO
Error > 0


Similar Part No. - X5001S8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5001S8 INTERSIL-X5001S8 Datasheet
275Kb / 18P
   CPU Supervisor
X5001S8 INTERSIL-X5001S8 Datasheet
305Kb / 20P
   CPU Supervisor
logo
Renesas Technology Corp
X5001S8 RENESAS-X5001S8 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Intersil Corporation
X5001S8-2.7 INTERSIL-X5001S8-2.7 Datasheet
275Kb / 18P
   CPU Supervisor
X5001S8-2.7 INTERSIL-X5001S8-2.7 Datasheet
305Kb / 20P
   CPU Supervisor
More results

Similar Description - X5001S8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
   CPU Supervisor
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
   CPU Supervisor
logo
Xicor Inc.
X4003 XICOR-X4003 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4005S8IZ-27 INTERSIL-X4005S8IZ-27 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com